Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD77210 Datasheet(PDF) 2 Page - NEC

Part # UPD77210
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77210 Datasheet(HTML) 2 Page - NEC

  UPD77210 Datasheet HTML 1Page - NEC UPD77210 Datasheet HTML 2Page - NEC UPD77210 Datasheet HTML 3Page - NEC UPD77210 Datasheet HTML 4Page - NEC UPD77210 Datasheet HTML 5Page - NEC UPD77210 Datasheet HTML 6Page - NEC UPD77210 Datasheet HTML 7Page - NEC UPD77210 Datasheet HTML 8Page - NEC UPD77210 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
Data Sheet U15203EJ3V0DS
2
µµµµPD77210, 77213
• Supply voltage
-DSP core supply voltage
:
1.425 to 1.65 V (MAX. operating speed 120 MHz),
1.55 to 1.65 V (MAX. operating speed 160 MHz)
µPD77210 only
-I/O pin supply voltage:
2.7 to 3.6 V
ORDERING INFORMATION
Parts Number
Package
µPD77210F1-DA2
161-pin plastic fine pitch BGA (10 x 10)
µPD77210GJ-8EN
144-pin plastic LQFP (fine pitch) (20 x 20)
µPD77213F1-xxx-DA2
161-pin plastic fine pitch BGA (10 x 10)
µPD77213GJ-xxx-8EN
144-pin plastic LQFP (fine pitch) (20 x 20)
Remark xxx indicates ROM code suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com