Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD77210 Datasheet(PDF) 13 Page - NEC

Part # UPD77210
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77210 Datasheet(HTML) 13 Page - NEC

Back Button UPD77210 Datasheet HTML 9Page - NEC UPD77210 Datasheet HTML 10Page - NEC UPD77210 Datasheet HTML 11Page - NEC UPD77210 Datasheet HTML 12Page - NEC UPD77210 Datasheet HTML 13Page - NEC UPD77210 Datasheet HTML 14Page - NEC UPD77210 Datasheet HTML 15Page - NEC UPD77210 Datasheet HTML 16Page - NEC UPD77210 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Data Sheet U15203EJ3V0DS
13
µµµµPD77210, 77213
1. PIN FUNCTIONS
Because the pin numbers differ depending on the package, see the column for the package to be used in the
tables below.
1.1 Description of Pin Functions
•••• Power supply pins
Pin No.
Pin Name
144-pin LQFP
161-pin FBGA
I/O
Function
Alternate
Pin
IVDD
18,21,23,57,
88,123
A7,A8,B7,H1,
J14, P7
−
Power supply for DSP core (+1.5 V)
These pins supply power to the DSP core.
−
EVDD
8,26,37,47,59,
71,86,98,108,
110,121,133,
144
A6,A11,C1,
C14,F1,F14,
J1,K14,M1,
M14,P6,P10,
P12
−
Power supply for I/O (+3.3 V)
These pins supply power to the external interface
pins.
−
GND
1,9,19,22,24,
27,36,38,48,
58,60,72,73,
87,89,99,109,
122,124,134,
143
A5,C13,D4,D5,
D7,D8,D9,D10,
E4,E11,G4,
G11,H4,J11,
K11,L3,L4,L6,
L7,L9,L11
−
Ground
These are ground pins.
−
Remark Please supply voltage to the IVDD and EVDD pins simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com