| Electronic Components Datasheet Search |
|
UPD77210 Datasheet(PDF) 21 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD77210 Datasheet(HTML) 21 Page - NEC |
|
21 / 74 page ![]() Data Sheet U15203EJ3V0DS 21 µµµµPD77210, 77213 1.2 Connection of Unused Pins 1.2.1 Connection of functional pins Connect the unused pins as shown in the table below. Pin Name I/O Recommended Connection STOPS, HALTS Output Leave open. CSTOP Input Connect to GND via a pull-down resistor. CLKOUT Output Leave open. P0 to P15 I/O Connect to EVDD via a pull-up resistor or to GND via a pull-down resistor. HD0 to HD7 Note 1 I/O Connect to EVDD via a pull-up resistor or to GND via a pull-down resistor. HA0, HA1 Input Connect to EVDD via a pull-up resistor or to GND via a pull-down resistor. HCS, HRD, HWR Input Connect to EVDD via a pull-up resistor. HRE, HWE Output Leave open. TIMOUT Output Leave open. ASCK, TSCK Input ASI, TSI Input Connect to EVDD via a pull-up resistor or to GND via a pull-down resistor. ASIEN, TSIEN Input ASOEN, TSOEN, LRCLK Input Connect to GND via a pull-down resistor. ASO, TSO Output TSORQ Output TSIAK Output Leave open. MA0 to MA19 Output Leave open. MD0 to MD15 Note 2 I/O Connect to EVDD via a pull-up resistor or to GND via a pull-down resistor. MRD, MWR Output Leave open. MHOLDRQ Input Connect to EVDD via a pull-up resistor. MBSTB, MHOLDAK Output Leave open. MWAIT Input Connect to EVDD via a pull-up resistor. TCK Input Connect to GND via a pull-down resistor. TDO, TICE Output Leave open. TMS, TDI Input Leave open (this pin is internally pulled up). TRST Input Leave open (this pin is internally pulled down). Notes 1. These pins may left opened if the HCS, HRD,and HWR are fixed to the high level. However, connect these pins as recommended in the HALT and STOP modes when the power consumption must be lowered. 2. These pins may leave opened if the external data memory is not accessed in the program. However, connect these pins as recommended in the HALT and STOP modes when the power consumption must be lowered. Caution Unused alternate-function pins should be handled in accordance with the processing specified for the pin function of the initial setting. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |