Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST33TPHF20I2C Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST33TPHF20I2C
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20I2C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST33TPHF20I2C Datasheet HTML 3Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 4Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 5Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 6Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 7Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 8Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 9Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 10Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 7 of 47
NON-PROPRIETARY DOCUMENT
1.2.5
AAF3
This configuration of the security module implement only the version 2.0 of the Trusted
Computing Group (TCG) specification for Trusted Platform Modules (TPM). The current FIPS
140-2 level2 security policy always applies (no mode lock requested) to this security module
configuration.
Table 5: Security module configuration
Module configuration
Product name / HW
version
ST33TPHF20SPI/
ST33HTPH revision A
Package
TSSOP28
VQFN32
Part number
ST33HTPH2028AAF3
ST33HTPH2032AAF3
Marking
P68HAAF3
FW version
4A.00 / 4A.041
Figure 9: Picture of the Cryptographic Module (TSSOP28)
– Marking
Figure 10: Picture of the Cryptographic Module (VQFN32)
– Marking
1 The default FW version of this configuration is 4A.00. To operate with FW version 4A.04, module FW
must be first field upgraded from 4A.00 to 4A.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com