Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST33TPHF20I2C Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST33TPHF20I2C
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20I2C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST33TPHF20I2C Datasheet HTML 6Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 7Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 8Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 9Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 10Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 11Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 12Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 13Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 10 of 47
NON-PROPRIETARY DOCUMENT
1.3.2
I2C configuration
Figure 13: TSSOP28 Pinout Diagram
Figure 14: VQFN32 Pinout Diagram
Next table gives a description of the products pins.
Table 7: ST33TPHF20 Pin definition (I²C configuration)
Signal
Type
Description
VPS
Input
Power supply. This pin must be connected to 1.8V or 3.3V
DC power rail supplied by the motherboard.
GND
Input
GND has to be connected to the main motherboard ground.
RESET
Input
Reset used to re-initialize the device
SCL
Input
I²C serial clock (Open drain with no weak pull-up resistor)
SDA
Input/Output
I²C serial data (Open drain with no weak pull-up resistor)
PIRQ
Output
IRQ used by TPM to generate an interrupt
GPIO1
Input/Output
GPIO default to low (not used, reserved for future use)
GPIO2
Input/Output
GPIO default to low (not used, reserved for future use)
GPIO3
Input/Output
GPIO default to low (not used, reserved for future use)
PP
Input
Physical presence, active high, internal pull-down. Used to
indicate Physical Presence to the TPM.
NiC
-
Not internally connected: not connected to the die. May be
left unconnected but no impact on TPM if connected.
NC
-
Not Connected: connected to the die but not usable. May be
left unconnected. Internal pull-down.
SDA
1
28
GPIO3
SCL
2
27
GPIO2
NiC
3
26
NiC
NiC
4
25
NiC
NiC
5
24
NiC
NC
6
23
NiC
PP
7
22
NiC
NiC
8
21
NiC
NiC
9
20
PIRQ
VPS
10
19
NiC
GND
11
18
NiC
NiC
12
17
NiC
NiC
13
16
RESET
NiC
14
15
GPIO1
TSSOP28
VQFN32
VPS
1
24 NiC
NiC
2
23 NiC
NiC
3
22 NiC
PP
4
21 NiC
NiC
5
20 NiC
NC
6
19 NiC
NiC
7
18 PIRQ
NiC
8
17 RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com