| Electronic Components Datasheet Search |
|
ST33TPHF20I2C Datasheet(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20I2C Datasheet(HTML) 38 Page - STMicroelectronics |
|
38 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 38 of 47 NON-PROPRIETARY DOCUMENT 4 SELF-TESTS Self-tests run by the cryptographic module are split in three categories: Power-up self-tests Full self-tests Conditional self-tests The power-on self-tests do not require operator intervention in order to run. Power-on self- tests execution completes all tests except KATs on asymmetric algorithms (RSA, ECDSA, ECDH). Completion of power-on self-tests allows the TPM to be in a limited approved mode allowing to process only a subset of TPM commands (see §1.7.2.1). To switch from limited approved mode to full approved mode, operator shall execute TPM_SelfTestFull command. This command requests the module to switch mode by executing all self-tests listed in Table 22 : Asymmetric cryptography self-tests list (power-up self-tests plus the remaining self-tests, that mainly concern asymmetric cryptography). The security module outputs an “error” Return Code via the status interface when the error state is entered due to a failed self-test. While in error state, security module does not perform any cryptographic functions and all data output via the data output interface are inhibited. If power-on self-tests have passed successfully, no status is indicated but commands that require self-tests to be completed can be successfully executed. 4.1 Power-up tests list Table 21 : Power-up self-tests list Algorithm tested Test description SHA1 SHA1 computation on known data (16 bytes) and comparison of output to the expected digest (20 bytes) SHA256 SHA256 computation on known data (16 bytes) and comparison of output to the expected digest (32 bytes) HMAC SHA256 HMAC-SHA256 computation on known data (16 bytes) / known key (16 bytes, same value as data) and comparison of output to the expected MAC (32 bytes). Self-test allows validating the secure SHA algorithm also used in standalone (out of HMAC context). KDF SP800- 108 KDF (based on SHA1) computation on known data (16 bytes) / known label (“TEST”) and comparison of output to the expected value (32 bytes). Hash- DRBG Instantiate, Generate and Reseed API are tested in a single test sequence in accordance with §11.3 of [SP800-90A]. Output of HDRBG (55 bytes) is compared to a reference value. AES AES CFB encryption is done on known data (32 bytes) / known key (16 bytes) and known IV (16 bytes, same value as key). The 32 bytes output data are compared to the expected reference data. If comparison succeeds, AES CFB decryption is done on encrypted data with same key & same IV as encryption. 32 bytes output are compared to the initial plaintext data. Triple-DES Triple-DES CFB encryption is done on known data (32 bytes) / known key (24 bytes) and known IV (8 bytes). The 32 bytes output data are compared to the expected reference data. If comparison succeeds, Triple-DES CFB decryption is done on encrypted data with same key & same IV as encryption. 32 bytes output are compared to the initial plaintext data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |