Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSMS3F3CY1602 Datasheet(PDF) 9 Page - Eaton All Rights Reserved.

Part # CSMS3F3CY1602
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSMS3F3CY1602 Datasheet(HTML) 9 Page - Eaton All Rights Reserved.

Back Button CSMS3F3CY1602 Datasheet HTML 5Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 6Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 7Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 8Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 9Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 10Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 11Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 12Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 13Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
V8-T3-8
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.0
Inductive Proximity Sensors
Introduction
High Current Output
Small Diameter
E56 Pancake
Page V8-T3-62
Overview
DC sensors which can carry extremely large
continuous inrush current.
Applications
Heavy-duty vehicles, cement mixers, lift
trucks, front end loaders, farm equipment.
Product Features
30 mm diameter stainless steel housing
Solid-state output for 12 ampere
continuous, 50 ampere inrush capacity
–40° to 158°F (–40° to 70°C) temperature
range
NO and NC isolated outputs
Heavy gauge SJO cable
Technical Data and Specifications
Current ratings—
Varies by model
Enclosure ratings—
NEMA 4, 4X, 6, 6P, 12, 13
IEC IP67
Construction—
Stainless steel
Approvals
RoHS Compliant
Page V8-T3-65
Overview
Small diameter and short body (4, 5, 6.5
and 8 mm) tubular housings for tight
sensing applications.
Applications
Automation equipment, robotics, machine
tool, counting, sorting
Product Features
Variety of diameters in stainless steel
housings
PVC cable, micro- and nano-pin connections
LED indicators standard
Short overall lengths
Short circuit and reverse polarity protection
Technical Data and Specifications
Current ratings—
DC: 200 mA maximum
Enclosure ratings—
NEMA 4, 4X, 6, 6P, 12, 13
IEC IP67
Construction—
Stainless steel
Approvals
CE
RoHS Compliant
8 mm standard models only:
CSA Certified, 224447
Products certified by CSA for US
Page V8-T3-71
Overview
Self-contained sensors capable of sensing
up to 3.94 inches (100 mm).
Applications
Oil rig operations, floor conveyors,
automotive assembly, overhead cranes
Product Features
40, 50, 70 and 100 mm sensing distances
Four-wire DC models have complementary
outputs (1 NO/1 NC)
Four-wire DC models use auto-configure
technology, which allows the sensor to
automatically adapt for NPN or PNP
without user intervention
Available in two-wire AC versions
Power and output LED indicator
Quick disconnect option
Short-circuit protected in DC
Longest sensing distances available
Technical Data and Specifications
Current ratings—
AC: 500 mA continuous
DC: 200 mA continuous
Enclosure ratings—
NEMA 4, 4X, 12, 13
(some models also rated NEMA 6)
IEC IP66
Construction—
PPS
Approvals
UL Listed, E166051 (DC models only)
UL tested to Canadian safety standards
CE (DC models only)
RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com