Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSMS3F3CY1602 Datasheet(PDF) 20 Page - Eaton All Rights Reserved.

Part # CSMS3F3CY1602
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSMS3F3CY1602 Datasheet(HTML) 20 Page - Eaton All Rights Reserved.

Back Button CSMS3F3CY1602 Datasheet HTML 16Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 17Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 18Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 19Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 20Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 21Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 22Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 23Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 24Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-19
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.2
Inductive Proximity Sensors
E57P Performance Series Sensors
Product Selection
E57P Performance Sensors
Three-Wire Sensors
Notes
See listing of compatible connector cables on Page V8-T3-20.
1 For cable lengths longer than 2 meters, add the number of the desired length in meters to the end of the listed catalog number (for catalog numbers ending with a
number, add an S and then the length). Examples for a 5-meter cable: E57-18LE12-A becomes E57-18LE12-A5; E57LAL12A2 becomes E57LAL12A2S5.
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type 1
NO Output
Catalog Number
NC Output
Catalog Number
12 mm Diameter End Sensing
10–48 Vdc
2 mm
(standard range)
Shielded
(PNP)
2-meter cable
E57P-12SPN2-C2
E57P-12SPC2-C2
4-pin micro DC connector
E57P-12SPN2-Q
E57P-12SPC2-Q
Shielded
(NPN)
2-meter cable
E57P-12SNN2-C2
E57P-12SNC2-C2
4-pin micro DC connector
E57P-12SNN2-Q
E57P-12SNC2-Q
4 mm
(standard range)
Unshielded
(PNP)
2-meter cable
E57P-12UPN4-C2
E57P-12UPC4-C2
4-pin micro DC connector
E57P-12UPN4-Q
E57P-12UPC4-Q
Unshielded
(NPN)
2-meter cable
E57P-12UNN4-C2
E57P-12UNC4-C2
4-pin micro DC connector
E57P-12UNN4-Q
E57P-12UNC4-Q
4 mm
(extended range)
Shielded
(PNP)
2-meter cable
E57P-12SPN4-C2
E57P-12SPC4-C2
4-pin micro DC connector
E57P-12SPN4-Q
E57P-12SPC4-Q
Shielded
(NPN)
2-meter cable
E57P-12SNN4-C2
E57P-12SNC4-C2
4-pin micro DC connector
E57P-12SNN4-Q
E57P-12SNC4-Q
8 mm
(extended range)
Unshielded
(PNP)
2-meter cable
E57P-12UPN8-C2
E57P-12UPC8-C2
4-pin micro DC connector
E57P-12UPN8-Q
E57P-12UPC8-Q
Unshielded
(NPN)
2-meter cable
E57P-12UNN8-C2
E57P-12UNC8-C2
4-pin micro DC connector
E57P-12UNN8-Q
E57P-12UNC8-Q
18 mm Diameter End Sensing
10–48 Vdc
5 mm
(standard range)
Shielded
(PNP)
2-meter cable
E57P-18SPN5-C2
E57P-18SPC5-C2
4-pin micro DC connector
E57P-18SPN5-Q
E57P-18SPC5-Q
Shielded
(NPN)
2-meter cable
E57P-18SNN5-C2
E57P-18SNC5-C2
4-pin micro DC connector
E57P-18SNN5-Q
E57P-18SNC5-Q
8 mm
(standard range)
Unshielded
(PNP)
2-meter cable
E57P-18UPN8-C2
E57P-18UPC8-C2
4-pin micro DC connector
E57P-18UPN8-Q
E57P-18UPC8-Q
Unshielded
(NPN)
2-meter cable
E57P-18UNN8-C2
E57P-18UNC8-C2
4-pin micro DC connector
E57P-18UNN8-Q
E57P-18UNC8-Q
8 mm
(extended range)
Shielded
(PNP)
2-meter cable
E57P-18SPN8-C2
E57P-18SPC8-C2
4-pin micro DC connector
E57P-18SPN8-Q
E57P-18SPC8-Q
Shielded
(NPN)
2-meter cable
E57P-18SNN8-C2
E57P-18SNC8-C2
4-pin micro DC connector
E57P-18SNN8-Q
E57P-18SNC8-Q
12 mm
(extended range)
Unshielded
(PNP)
2-meter cable
E57P-18UPN12-C2
E57P-18UPC12-C2
4-pin micro DC connector
E57P-18UPN12-Q
E57P-18UPC12-Q
Unshielded
(NPN)
2-meter cable
E57P-18UNN12-C2
E57P-18UNC12-C2
4-pin micro DC connector
E57P-18UNN12-Q
E57P-18UNC12-Q
12 mm
18 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com