Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSMS3F3CY1602 Datasheet(PDF) 30 Page - Eaton All Rights Reserved.

Part # CSMS3F3CY1602
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSMS3F3CY1602 Datasheet(HTML) 30 Page - Eaton All Rights Reserved.

Back Button CSMS3F3CY1602 Datasheet HTML 26Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 27Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 28Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 29Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 30Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 31Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 32Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 33Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 34Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-29
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.4
Inductive Proximity Sensors
E57G General Purpose Proximity Sensors
E57G General Purpose Proximity Sensors
Contents
Description
Page
E57G General Purpose Proximity Sensors
Product Selection
E57G General Purpose Proximity Sensors .
V8-T3-30
Compatible Connector Cables . . . . . . . . . . .
V8-T3-31
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-31
Technical Data and Specifications . . . . . . . . . .
V8-T3-32
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-33
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-34
E57G General Purpose Proximity Sensors
Product Description
For global sensing
applications, the E57G
General Purpose series is
designed for most standard
inductive sensing needs.  
With its stainless steel
tubular body, 360 degree
visible LED, fast switching
speed and laser-etched
markings, the E57G series
is an ideal cost-effective
solution.
Features
●
360° LED indicator
●
Stainless steel tube
●
10–30 Vdc operating
voltage
●
Short-circuit protection
●
–25 to 70 °C temperature
range
●
IP67 environmental rating
●
Durable laser-engraved
label
●
Available in cable and
micro-connector styles
●
Nickel-brass mounting nuts
Standards and Certifications
●
UL Listed, E166051
●
UL Tested to Canadian
safety standards
●
CE
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com