Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC608A Datasheet(PDF) 14 Page - Microchip Technology

Part # ATECC608A
Description  Microchip CryptoAuthentication??Device
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 14 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 10Page - Microchip Technology ATECC608A Datasheet HTML 11Page - Microchip Technology ATECC608A Datasheet HTML 12Page - Microchip Technology ATECC608A Datasheet HTML 13Page - Microchip Technology ATECC608A Datasheet HTML 14Page - Microchip Technology ATECC608A Datasheet HTML 15Page - Microchip Technology ATECC608A Datasheet HTML 16Page - Microchip Technology ATECC608A Datasheet HTML 17Page - Microchip Technology ATECC608A Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
3.
Compatibility
3.1
Microchip ATECC508A
The ATECC608A is designed to be fully compatible with the ATECC508A devices with the limited
exception of the functions listed below. If the ATECC608A is properly configured, software written for the
ATECC508A should work with the ATECC608A without any required changes, again with the exception of
the functions listed below.
Note:  Most elements of the configuration zone in the ATECC608A are identical in both location and
value with the ATECC508A. However, the initial values that had been stored in the LastKeyUse field may
need to be changed to conform to the new definition of those bytes which can be found in this document.
That field contained the initial count for the Slot 15 limited use function which is supported in the
ATECC608A via the monotonic counters.
3.1.1
New Features in ATECC608A vs. ATECC508A
•
Secure boot function, with IO encryption and authentication
•
KDF command, supporting PRF, HKDF, AES
•
AES command, including encrypt/decrypt
•
GFM calculation function for GCM AEAD mode of AES
•
Updated NIST SP800-90 A/B/C Random Number Generator
•
Flexible SHA/HMAC command with context save/restore
•
SHA command execution time significantly reduced
•
Volatile Key Permitting to prevent device transfer
•
Transport Key Locking to protect programmed devices during delivery
•
Counter Limit Match function
•
Ephemeral key generation in SRAM, also supported with ECDH and KDF
•
Verify command output can be validated with a MAC
•
Encrypted output for ECDH
•
Added self test command, optional automatic power-on self test
•
Unaligned public key for built-in X.509 cert key validation
•
Optional power reduction at increased execution time
•
Programmable I2C address after data (secret) zone lock
3.1.2
Features Eliminated in ATECC608A vs. ATECC508A
•
HMAC command removed, replaced via new more powerful SHA command
•
OTP consumption mode eliminated, now read only
•
Pause command eliminated along with related Selector function in UpdateExtra
•
Slot 15 special limited use eliminated, replaced with standard monotonic counter limited use
•
SHA command no longer uses TempKey during calculation, result in TempKey is unchanged
ATECC608A
Compatibility
© 2017 Microchip Technology Inc.
Datasheet Summary
DS40001977A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com