Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFB2222AD Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FFB2222AD
Description  Dual General Purpose Switching Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB2222AD Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FFB2222AD Datasheet HTML 1Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 2Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 3Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 4Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 5Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 6Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2014. 03. 10
3/7
FFB2222AD
Revision No : 0
SMALL
–SIGNAL CHARACTERISTICS
Current – Gain – Bandwidth Product (Note 3)
(IC = 20 mAdc, VCE= 20 Vdc, f = 100 MHz)
fT
300
–
MHz
Output Capacitance
(VCB = 10 Vdc, IE= 0, f = 1.0 MHz)
Cobo
–
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC= 0, f = 1.0 MHz)
Cibo
–
25
pF
Input Impedance
(IC = 1.0 mAdc, VCE= 10 Vdc, f = 1.0 kHz)
(IC = 10 mAdc, VCE= 10 Vdc, f = 1.0 kHz)
hie
2.0
0.25
8.0
1.25
kΩ
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE= 10 Vdc, f = 1.0 kHz)
(IC = 10 mAdc, VCE= 10 Vdc, f = 1.0 kHz)
hre
–
–
8.0
4.0
X 10–4
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE= 10 Vdc, f = 1.0 kHz)
(IC = 10 mAdc, VCE= 10 Vdc, f = 1.0 kHz)
hfe
50
75
300
375
–
Output Admittance
(IC = 1.0 mAdc, VCE= 10 Vdc, f = 1.0 kHz)
(IC = 10 mAdc, VCE= 10 Vdc, f = 1.0 kHz)
hoe
5.0
25
35
200
mhos
Collector Base Time Constant
(IE = 20 mAdc, VCB= 20 Vdc, f = 31.8 MHz)
rb, Cc
–
150
ps
Noise Figure
(IC = 100 Adc, VCE = 10 Vdc, RS= 1.0㏀ , f = 1.0 kHz)
NF
–
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 30 Vdc, VBE(off) = –0.5 Vdc,
td
–
10
ns
Rise Time
(VCC
V
IC = 150 mAdc, IB1= 15 mAdc)
tr
–
25
ns
Storage Time
(VCC = 30 Vdc, IC= 150 mAdc,
ts
–
225
ns
Fall Time
(VCC
IB1 = IB2= 15 mAdc)
tf
–
60
ns
3. fT is defined as the frequency at which hfe extrapolates to unity.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com