Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFB2222AD Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FFB2222AD
Description  Dual General Purpose Switching Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB2222AD Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FFB2222AD Datasheet HTML 1Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 2Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 3Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 4Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 5Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 6Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2014. 03. 10
4/7
FFB2222D
Revision No : 0
Figure 1. DC Current Gain
Figure 2. Collector Saturation Region
Figure 3. Turn–On Time
Figure 4. Turn–Off Time
1000
10
20
30
50
70
100
200
300
500
700
1.0 k
IC, COLLECTOR CURRENT (mA)
TJ= 125℃
25℃
-55℃
VCE = 1.0 V
VCE = 10 V
1.0
0.8
0.6
0.4
0.2
0
IB, BASE CURRENT (mA)
TJ = 25℃
IC =1.0mA
10mA
150mA
500mA
IC, COLLECTOR CURRENT (mA)
70
100
200
50
10
20
70
5.0
100
5.0 7.0
30
50
200
10
30
7.0
20
IC/IB=10
TJ =25℃
tr @ VCC= 30 V
td @ VEB(off)= 2.0 V
td @ VEB(off)= 0
3.0
2.0
300
500
500
5.0
7.0
10
20
30
50
70
100
200
300
IC, COLLECTOR CURRENT (mA)
10
20
70
100
VCC = 30V
IC/IB = 10
IB1 = IB2
TJ = 25℃
t′s= ts- 1/8 tf
tf
0
0.5
1.0
5.0
10
50
100
500
0.005
0.01
0.1
1.0
10
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com