Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFB2222AD Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FFB2222AD
Description  Dual General Purpose Switching Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB2222AD Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FFB2222AD Datasheet HTML 1Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 2Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 3Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 4Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 5Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 6Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2014. 03. 10
1/7
SEMICONDUCTOR
TECHNICAL DATA
FFB2222AD
Revision No : 0
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
40
Vdc
Collector–Base Voltage
VCBO
75
Vdc
Emitter–Base Voltage
VEBO
6.0
Vdc
Collector Current – Continuous
IC
600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Package Dissipation (Note 1)
TA = 25℃
PD
150
mW
Thermal Resistance,
Junction to Ambient
R JA
833
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
Q1
(1)
(2)
(3)
(4)
(5)
(6)
Q2
Dual General Purpose Switching Transistors
NPN Silicon
1
3
2
6
4
5
SOT-363 (SC-88)
We declare that material of product compliance
with ROHS requirements.
ORDERING INFORMATION
Device
Shipping
FFB2222AD
3000/Tape & Reel
Marking
XX


Similar Part No. - FFB2222AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFB2222A FAIRCHILD-FFB2222A Datasheet
61Kb / 5P
NPN Multi-Chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A Datasheet
88Kb / 7P
NPN Multi-Chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
NPN Multi-Chip General Purpose Amplifier
More results

Similar Description - FFB2222AD

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
logo
List of Unclassifed Man...
2N4401 ETC2-2N4401 Datasheet
588Kb / 6P
General Purpose Switching Transistors
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
logo
AiT Semiconductor Inc.
MBT3904DW AITSEMI-MBT3904DW Datasheet
599Kb / 7P
DUAL GENERAL PURPOSE TRANSISTORS SWITCHING TRANSISTORS
REV1.0
MBT3904W AITSEMI-MBT3904W Datasheet
1Mb / 10P
SWITCHING TRANSISTORS GENERAL PURPOSE TRANSISTORS
REV1.1
MBT3906W AITSEMI-MBT3906W Datasheet
1Mb / 9P
SWITCHING TRANSISTORS GENERAL PURPOSE TRANSISTORS
REV1.1
MBT3946DW AITSEMI-MBT3946DW Datasheet
1Mb / 13P
SWITCHING TRANSISTORS DUAL GENERAL PURPOSE TRANSISTORS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com