Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05JB3 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 1
10-1
SECTION 10
UNIVERSAL SERIAL BUS MODULE
This USB Module is designed for USB application in LS products. With minimized
software effort, it can fully comply with USB LS device specification. See USB
specification version 1.0 for the detail description of USB.
10.1
FEATURES
•
Integrated 3.3 Volt Regulator with 3.3V Output Pin
•
Integrated USB transceiver supporting Low Speed functions
•
USB Data Control Logic
– Packet decoding/generation
– CRC generation and checking
– NRZI encoding/decoding
– Bit-stuffing
•
USB reset support
•
Control Endpoint 0 and Interrupt Endpoints 1 and 2
•
Two 8-byte transmit buffers
•
One 8-byte receive buffer
•
Suspend and resume operations
•
Remote Wake-up support
•
USB generated interrupts
•
Transaction interrupt driven
•
Resume interrupt
•
End of Packet interrupt
•
STALL, NAK, and ACK handshake generation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com