Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05JB3 Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # 68HC05JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB3 Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB3 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 96Page - Freescale Semiconductor, Inc 68HC05JB3 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 1
10-25
ENABLE2 — Endpoint 2 Enable
This read/write bit enables Endpoint 2 and allows the USB to respond to IN
packets addressed to Endpoint 2. Reset clears this bit.
1 =
Endpoint 2 is enabled and can respond to an IN token.
0 =
Endpoint 2 is disabled.
ENABLE1 — Endpoint 1 Enable
This read/write bit enables Endpoint 1 and allows the USB to respond to IN
packets addressed to Endpoint 1. Reset clears this bit.
1 =
Endpoint 1 is enabled and can respond to an IN token.
0 =
Endpoint 1 is disabled.
STALL2 — Endpoint 2 Force Stall Bit
This read/write bit causes Endpoint 2 to return a STALL handshake when
polled by either an IN or OUT token by the USB Host Controller. Reset clears
this bit.
1 =
Send STALL handshake.
0 =
Default.
STALL1 — Endpoint 1 Force Stall Bit
This read/write bit causes Endpoint 1 to return a STALL handshake when
polled by either an IN or OUT token by the USB Host Controller. Reset clears
this bit.
1 =
Send STALL handshake.
0 =
Default.
10.5.7 USB Status Register (USR)
RSEQ — Endpoint 0 Receive Sequence Bit
This read only bit indicates the type of data packet last received for Endpoint 0
(DATA0 or DATA1).
1 =
DATA1 Token received in last Endpoint 0 receive.
0 =
DATA0 Token received in last Endpoint 0 receive.
SETUP — SETUP Token Detect Bit
This read only bit indicates that a valid SETUP token has been received.
1 =
Last token received for Endpoint 0 was a SETUP token.
0 =
Last token received for Endpoint 0 was not a SETUP token.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
USR
R
RSEQ
SETUP
0
0
RPSIZ3
RPSIZ2
RPSIZ1
RPSIZ0
$003D
W
reset:
UUUUUUUU
= Unimplemented
Figure 10-26. USB Status Register (USR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com