Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB8421 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CDB8421
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8421 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CDB8421 Datasheet HTML 3Page - Cirrus Logic CDB8421 Datasheet HTML 4Page - Cirrus Logic CDB8421 Datasheet HTML 5Page - Cirrus Logic CDB8421 Datasheet HTML 6Page - Cirrus Logic CDB8421 Datasheet HTML 7Page - Cirrus Logic CDB8421 Datasheet HTML 8Page - Cirrus Logic CDB8421 Datasheet HTML 9Page - Cirrus Logic CDB8421 Datasheet HTML 10Page - Cirrus Logic CDB8421 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CS8421
DS641PP1
7
DC ELECTRICAL CHARACTERISTICS (GND = 0 V; all voltages with respect to 0 V.)
Notes: 4. Power Down Mode is defined as RST = LOW with all clocks and data lines held static, except when a
crystal is attached across XTI-XTO, in which case the crystal will begin oscillating.
5. Normal operation is defined as RST = HI.
DIGITAL INPUT CHARACTERISTICS
DIGITAL INTERFACE SPECIFICATIONS (GND = 0 V; all voltages with respect to 0 V.)
Parameters
Symbol
Min
Typ
Max
Units
Power-down Mode (Note 4)
Supply Current in power down
VD
(Oscillator attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
-
-
-
50
100
200
-
-
-
µA
µA
µA
Supply Current in power down
VD
(Crystal attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
-
-
-
99.9
1.34
3.54
-
-
-
µA
mA
mA
Normal Operation (Note 5)
Supply Current at 48 kHz Fsi and Fso
VD
(Oscillator attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
-
-
-
23.1
2.17
3.42
-
-
-
mA
mA
mA
Supply Current at 192 kHz Fsi and Fso
VD
(Oscillator attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
-
-
-
78.7
7.7
12.49
-
-
-
mA
mA
mA
Supply Current at 48 kHz Fsi and Fso
VD
(Crystal attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
-23.1
2.92
6.02
-mA
mA
mA
Supply Current at 192 kHz Fsi and Fso
VD
(Crystal attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
-78.7
3.037
6.25
-mA
mA
mA
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
Iin
-8
-
pF
Input Hysteresis
-
250
-
mV
Parameters
Symbol
Min
Max
Units
High-Level Output Voltage, except MCLK_OUT and SDOUT
(IOH=-4 mA)
VOH
0.77xVL
-
V
Low-Level Output Voltage, except MCLK_OUT and SDOUT
(IOL=4 mA)
VOL
-.6
V
High-Level Output Voltage, MCLK_OUT
(IOH=-6 mA)
VOH
0.77xVL
-
V
Low-Level Output Voltage, MCLK_OUT
(IOL=6 mA)
VOL
-.6
V
High-Level Output Voltage, SDOUT
(IOH=-8 mA)
VOH
0.77xVL
-
V
Low-Level Output Voltage, SDOUT
(IOL=8 mA)
VOL
-.6
V
High-Level Input Voltage
VIH
0.55xVL
VL+0.3
V
Low-Level Input Voltage
VIL
-0.3
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com