Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB8421 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CDB8421
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8421 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CDB8421 Datasheet HTML 4Page - Cirrus Logic CDB8421 Datasheet HTML 5Page - Cirrus Logic CDB8421 Datasheet HTML 6Page - Cirrus Logic CDB8421 Datasheet HTML 7Page - Cirrus Logic CDB8421 Datasheet HTML 8Page - Cirrus Logic CDB8421 Datasheet HTML 9Page - Cirrus Logic CDB8421 Datasheet HTML 10Page - Cirrus Logic CDB8421 Datasheet HTML 11Page - Cirrus Logic CDB8421 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CS8421
8
DS641PP1
SWITCHING SPECIFICATIONS
(Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF)
Parameters
Symbol
Min
Max
Units
RST pin Low Pulse Width
(Note 6)
1
-
ms
XTI Frequency (Note 7)
Crystal
Digital Clock Source
16.384
1.024
27.000
27.000
MHz
MHz
XTI Pulse Width High/Low
14.8
-
ns
MCLK_OUT Duty Cycle
45
55
%
Slave Mode
I/OSCLK Frequency
-
24.576
MHz
OLRCK High Time
(Note 8)
tlrckh
326
-
ns
I/OSCLK High Time
tsckh
9-
ns
I/OSCLK Low Time
tsckl
9-
ns
I/OLRCK Edge to I/OSCLK Rising
tlcks
6-
ns
OLRCK Rising Edge to OSCLK Rising Edge (TDM)
tfss
5-
ns
I/OSCLK Rising Edge to I/OLRCK Edge
tlckd
5-
ns
OSCLK Rising Edge to OLRCK Falling Edge (TDM)
tfsh
5-
ns
OSCLK Falling Edge/OLRCK Edge to SDOUT Output Valid
tdpd
-18
ns
SDIN/TDM_IN Setup Time Before I/OSCLK Rising Edge
tds
3-
ns
SDIN/TDM_IN Hold Time After I/OSCLK Rising Edge
tdh
5-
ns
t
ds
OLRCK
(input)
t
dh
t
sckh
t
sckl
t
fsh
t
fss
OSCLK
(input)
TDM_IN
(input)
SDOUT
(output)
MSB
t
dpd
MSB-1
MSB
MSB-1
t
lrckh
t
ds
MSB
t
dh
t
dpd
MSB-1
I/OLRCK
(input)
I/OSCLK
(input)
SDIN
(input)
SDOUT
(output)
MSB
MSB-1
t
sckh
t
sckl
t
lcks
t
lckd
Figure 1. Non-TDM Slave Mode Timing
Figure 2. TDM Slave Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com