Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB8421 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CDB8421
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8421 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CDB8421 Datasheet HTML 7Page - Cirrus Logic CDB8421 Datasheet HTML 8Page - Cirrus Logic CDB8421 Datasheet HTML 9Page - Cirrus Logic CDB8421 Datasheet HTML 10Page - Cirrus Logic CDB8421 Datasheet HTML 11Page - Cirrus Logic CDB8421 Datasheet HTML 12Page - Cirrus Logic CDB8421 Datasheet HTML 13Page - Cirrus Logic CDB8421 Datasheet HTML 14Page - Cirrus Logic CDB8421 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
CS8421
DS641PP1
11
CS8421
VD
VL
Serial
Audio
Source
ILRCK
ISCLK
SDIN
BYPASS
+2.5 V
+3.3 V or +5.0 V
0.1
µF0.1 µF
Serial
Audio
Input
Device
OLRCK
OSCLK
SDOUT
XTI
RST
SRC_UNLOCK
SAOF
TDM_IN
Hardware Control
Settings
GND
SAIF
MS_SEL
GND
**
1 k
Ω *
Figure 6. Typical Connection Diagram, No External Master Clock
* When no external master clock is supplied to the part, both input and output must be set to salve mode
for the part to operate properly. This is done by connecting the MS_SEL pin to ground through a resis-
tance of 0
Ω to 1 kΩ ± 1% as stated in Table 1, “Serial Audio Port Master/Slave and Clock Ratio Select
Startup Options (MS_SEL),” on page 13
** The connection (VL or GND) and value of these two resistors determines the mode of operation for the
input and output serial ports as described in Table 1, “Serial Audio Port Master/Slave and Clock Ratio
Select Startup Options (MS_SEL)", Table 2, “Serial Audio Input Port Startup Options (SAIF)", and
Table 3, “Serial Audio Output Port Startup Options (SAOF)", all on page 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com