Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBLPROG0 Datasheet(PDF) 5 Page - Red Lion Controls. Inc

Part # CBLPROG0
Description  GRAPHIC LCD OPERATOR INTERFACE TERMINAL WITH VGA DISPLAY AND TOUCHSCREEN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBLPROG0 Datasheet(HTML) 5 Page - Red Lion Controls. Inc

  CBLPROG0 Datasheet HTML 1Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 2Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 3Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 4Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 5Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 6Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 7Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RS422/485 COMMS PORT
The G308 has one RS422/485 port. This port can be configured to act as
either RS422 or RS485.
Note: All Red Lion devices connect A to A and B to B, except for Paradigm
devices. Refer to www.redlion.net for additional information.
5
Examples of RS485 2-Wire Connections
G3 to Red Lion RJ11 (CBLRLC00)
DLC, IAMS, ITMS, PAXCDC4C
A+
4
TxA
2
B-
5
TxB
1
COM
3
COM
6
TxEN
2
TxEN
5
Name
RLC: RJ11
Name
G3: RJ45
Connections
G3 to Modular Controller (CBLRLC05)
TxA
8
TxA
8
TxB
7
TxB
7
COM
6
COM
6
TxEN
5
TxEN
5
RxA
TxA
3,2
2,3
RxA
TxA
3,2
2,3
RxB
4,1
RxB
4,1
TxB
1,4
TxB
1,4
Name
Modular Controller
Name
G3
Connections
DH485 COMMUNICATIONS
The G308’s RS422/485 COMMS port can also be used for Allen Bradley
DH485 communications.
WARNING: DO NOT use a standard DH485 cable to connect this port to Allen
Bradley equipment. A cable and wiring diagram are available from Red Lion.
G3 to AB SLC 500 (CBLAB003)
24V
-
TxA
3, 8
COMM
-
TxB
4, 7
SHIELD
4
COMM
6
TxEN
5
TxEN
5
COMM
-
RxB
4, 7
24V
-
RxA
3, 8
B
2
TxA
2
A
1
TxB
1
Name
RJ45: A-B
Name
RJ45: RLC
Connections
RS422/485 4-WIRE
CONNECTIONS
RS485 2-WIRE
CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com