Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBLPROG0 Datasheet(PDF) 7 Page - Red Lion Controls. Inc

Part # CBLPROG0
Description  GRAPHIC LCD OPERATOR INTERFACE TERMINAL WITH VGA DISPLAY AND TOUCHSCREEN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBLPROG0 Datasheet(HTML) 7 Page - Red Lion Controls. Inc

  CBLPROG0 Datasheet HTML 1Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 2Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 3Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 4Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 5Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 6Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 7Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
BATTERY & TIME KEEPING
A battery is used to keep time when the unit is without power. Typical
accuracy of the G308 time keeping is less than one minute per month drift. The
battery of a G308 unit does not affect the unit’s memory, all configurations and
data is stored in non-volatile memory.
To change the battery of a G308, remove power, cabling, and then the rear
cover of the unit. To remove the cover, remove the four screws designated by the
arrows on the rear of the unit. Then, by lifting the top side, hinge the cover, thus
providing clearance for the connectors on the bottom side of the PCB as shown
in the illustration below. Install in the reverse manner.
Remove the old battery* from the holder and replace with the new battery.
Replace the rear cover, cables, and re-apply power. Using Crimson or the unit’s
keypad, enter the correct time and date.
* Please note that the old battery must be disposed of in a manner that
complies with your local waste regulations. Also, the battery must not be
disposed of in fire, or in a manner whereby it may be damaged and its contents
come into contact with human skin.
The battery used by the G308 is a lithium type CR2025.
CAUTION: RISK OF ELECTRIC SHOCK
The inverter board, attached to the mounting plate, supplies the
high voltage to operate the backlight. Touching the inverter
board may result in injury to personnel.
CAUTION: The circuit board contains static sensitive
components. Before handling the operator interface without the
rear cover attached, discharge static charges from your body by
touching a grounded bare metal object. Ideally, handle the
operator interface at a static controlled clean workstation. Also,
do not touch the surface areas of the circuit board. Dirt, oil, or
other contaminants may adversely affect circuit operation.
WARNING - EXPLOSION HAZARD - THE AREA MUST BE
KNOWN TO BE NON-HAZARDOUS BEFORE SERVICING/
REPLACING THE UNIT AND BEFORE INSTALLING OR
REMOVING I/O WIRING AND BATTERY.
WARNING - EXPLOSION HAZARD - DO NOT DISCONNECT
EQUIPMENT UNLESS POWER HAS BEEN DISCONNECTED
AND THE AREA IS KNOWN TO BE NON-HAZARDOUS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com