Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBLPROG0 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # CBLPROG0
Description  GRAPHIC LCD OPERATOR INTERFACE TERMINAL WITH VGA DISPLAY AND TOUCHSCREEN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBLPROG0 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  CBLPROG0 Datasheet HTML 1Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 2Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 3Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 4Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 5Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 6Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 7Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
GENERAL DESCRIPTION
The G308 Operator Interface Terminal combines unique capabilities
normally expected from high-end units with a very affordable price. It is built
around a high performance core with integrated functionality. This core allows
the G308 to perform many of the normal features of the Paradigm range of
Operator Interfaces while improving and adding new features.
The G308 is able to communicate with many different types of hardware using
high-speed RS232/422/485 communications ports and Ethernet 10 Base T/100
Base-TX communications. In addition, the G308 features USB for fast downloads
of configuration files and access to trending and data logging. A CompactFlash
socket is provided so that Flash cards can be used to collect your trending and
data logging information as well as to store larger configuration files.
In addition to accessing and controlling of external resources, the G308
allows a user to easily view and enter information. Users can enter data through
the touchscreen or front panel 7-button keypad.
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear in the
manual or on equipment must be observed to ensure personal safety and to
prevent damage to either the instrument or equipment connected to it. If
equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
Do not use the controller to directly command motors, valves, or other
actuators not equipped with safeguards. To do so can be potentially harmful to
persons or equipment in the event of a fault to the controller.
CONTENTS OF PACKAGE
- G308 Operator Interface.
- Panel gasket.
- Template for panel cutout.
- Hardware packet for mounting unit into panel.
- Terminal block for connecting power.
ORDERING INFORMATION
1 Contact your Red Lion distributor or visit our website for complete selection.
2 Use this part number to purchase Crimson on CD with a printed
manual, USB cable, and RS-232 cable. Otherwise, download from
www.redlion.net.
3 Red Lion offers RJ modular jack adapters. Refer to the DR literature for
complete details.
4 Battery type is lithium coin type CR2025.
5 Industrial grade two million write cycles.
MODEL G308A - GRAPHIC LCD OPERATOR INTERFACE TERMINAL WITH
VGA DISPLAY AND TOUCHSCREEN
Bulletin No. G308A-E
Drawing No. LP0613
Released 1/08
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
CompactFlash is a registered trademark of CompactFlash Association.
CONFIGURED USING CRIMSON SOFTWARE (VERSION 2.0 BUILD
187 OR LATER)
UP TO 5 RS-232/422/485 COMMUNICATIONS PORTS
(2 RS-232 AND 1 RS-422/485 ON BOARD, 1 RS-232 AND 1
RS422/485 ON OPTIONAL COMMUNICATIONS CARD)
10 BASE T/100 BASE-TX ETHERNET PORT TO NETWORK UNITS
AND HOST WEB PAGES
USB PORT TO DOWNLOAD THE UNIT’S CONFIGURATION FROM
A PC OR FOR DATA TRANSFERS TO A PC
UNIT’S CONFIGURATION IS STORED IN NON-VOLATILE MEMORY
(8 MBYTE FLASH)
COMPACTFLASH® SOCKET TO INCREASE MEMORY CAPACITY
8.4-INCH TFT DISPLAY (256 COLOR, VGA 640X480 PIXELS)
7-BUTTON KEYPAD FOR ON-SCREEN MENUS
THREE FRONT PANEL LEDS
POWER UNIT FROM 24VDC ±20% SUPPLY
RESISTIVE ANALOG TOUCHSCREEN
CAUTION: Risk of Danger
Read complete instructions prior to
installationand operation of the unit.
CAUTION: Risk of electric shock.
MODEL NO.
DESCRIPTION
PART NUMBER
512 MB CompactFlash Card 5
64 MB CompactFlash Card 5
256 MB CompactFlash Card 5
G3CF512M
G3CF064M
G3CF256M
G308A000
G3CN
G3RS
CANopen Optional Communication Card
RS232/485 Optional Communication Card
G3CN0000
G3RS0000
PSDR
G3PBDP
Mini Power Supply 1 A
Profibus DP Optional Communication Card
PSDR0100
G3PBDP00
SFCRM2
Crimson 2.0 2
SFCRM200
CBL
RS-232 Programming Cable
CBLPROG0
G3CF
G308A
USB Cable
CBLUSB00
Communications Cables 1
CBLxxxxx
G3FILM
Protective Films
Replacement Battery 4
G3FILM08
BNL20000
DR
DIN Rail Mountable Adapter Products 3
DRxxxxxx
Operator Interface with TFT display for
indoor applications, textured finish with
embossed keys
FOR USE IN HAZARDOUS LOCATIONS:
Class I, Division 2, Groups A, B, C, and D
Class II, Division 2, Groups F and G
Class III, Division 2
63YN
LABORATORY EQUIPMENT
The protective conductor terminal is bonded to conductive
parts of the equipment for safety purposes and must be
connected to an external protective earthing system.
WARNING - EXPLOSION HAZARD - SUBSTITUTION OF
COMPONENTS MAY IMPAIR SUITABILITY FOR CLASS I,
DIVISION 2/CLASS II, DIVISION 2/CLASS III, DIVISION 2


Similar Part No. - CBLPROG0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CBLPROG0 REDLION-CBLPROG0 Datasheet
579Kb / 2P
Enhanced Data Station Plus & Modular Controller
CBLPROG0 REDLION-CBLPROG0 Datasheet
1Mb / 8P
10.4" COLOR TOUCHSCREEN
CBLPROG0 REDLION-CBLPROG0 Datasheet
1Mb / 16P
MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
More results

Similar Description - CBLPROG0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9410 STMICROELECTRONICS-STV9410 Datasheet
262Kb / 25P
CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
Apr-1996
logo
List of Unclassifed Man...
SD1010D ETC1-SD1010D Datasheet
242Kb / 40P
Digital Interface VGA TFT LCD Display Controller
logo
Sharp Corporation
LR38820 SHARP-LR38820 Datasheet
127Kb / 1P
QVGA TFT-LCD controller with graphic display functions
logo
Advantech Co., Ltd.
FPM-3060G ADVANTECH-FPM-3060G Datasheet
610Kb / 2P
6.5 VGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
logo
Axiomtek Co., Ltd.
AX12600 AXIOMTEK-AX12600_16 Datasheet
170Kb / 1P
VGA and LCD Display Module
logo
Red Lion Controls. Inc
G07C0000 REDLION-G07C0000 Datasheet
1Mb / 4P
Graphic Operator Interface Panels with Modular I/O
logo
Gamewell-FCI by Honeywe...
LCD-SLP GAMEWELL-FCI-LCD-SLP Datasheet
61Kb / 1P
LCD Touchscreen Annunciator Display
logo
Crystalfontz America, I...
CFAG12864T3-TFH CRYSTAIFONTZ-CFAG12864T3-TFH Datasheet
445Kb / 10P
128 x 64 GRAPHIC LCD DISPLAY
logo
Red Lion Controls. Inc
G307K2 REDLION-G307K2 Datasheet
1Mb / 4P
KADET 2 OPERATOR INTERFACE WITH 7" TFT DISPLAY
logo
Advantech Co., Ltd.
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com