Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI6421 Datasheet(PDF) 48 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 48 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 44Page - Texas Instruments PCI6421 Datasheet HTML 45Page - Texas Instruments PCI6421 Datasheet HTML 46Page - Texas Instruments PCI6421 Datasheet HTML 47Page - Texas Instruments PCI6421 Datasheet HTML 48Page - Texas Instruments PCI6421 Datasheet HTML 49Page - Texas Instruments PCI6421 Datasheet HTML 50Page - Texas Instruments PCI6421 Datasheet HTML 51Page - Texas Instruments PCI6421 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 204 page
background image
2−28
Table 2−19. Smart Card Terminals †
If any Smart Card terminal is unused, then the terminal may be left floating, except for SC_VCC_5V which must be
connected to 5 V.
TERMINAL
DESCRIPTION
I/O
INPUT
OUTPUT
PU/
POWER
EXTERNAL
NAME
NO.
DESCRIPTION
I/O
TYPE
INPUT
OUTPUT
PU/
PD
POWER
RAIL
EXTERNAL
PARTS
SC_CD
L02
Smart Card card detect. This input is asserted when Smart
Cards are inserted.
I
TTLI2
SW2
VCC
SC_CLK
K05
Smart Card clock. The controller drives a 3-MHz clock to the
Smart Card interface when enabled.
O
PCIO8
22 k
Ω resistor to
GND
68 pF capacitor
to GND
SC_DATA
L01
Smart Card data input/output
I/O
PCII5
PCIO5
SW3
SC_OC
L03
Smart Card overcurrent. This input comes from the Smart
Card power switch.
I
LVCI1
PU2
5 V
SC_PWR_CTRL
L05
Smart Card power control for the Smart Card socket.
O
LVCO1
Power switch or
FET to turn on
power to FM
socket
SC_FCB
K02
Smart Card function code. The controller does not support
synchronous Smart Cards as specified in ISO/IEC 7816-10,
and this terminal is in a high-impedance state.
I
PCII5
PCIO5
SW3
SC_GPIO6
SC_GPIO5
SC_GPIO4
SC_GPIO3
SC_GPIO2
SC_GPIO1
SC_GPIO0
H03
J06
J01
J02
J03
J05
J07
Smart Card general-purpose I/O terminals. These signals
can be controlled by firmware and are used as control
signals for an external Smart Card interface chip or level
shifter.
I/O
TTLI2
TTLO2
SW2
5 V
SC_RFU
K01
Smart Card reserved. This terminal is in a high-impedance
state.
I
PCII5
PCIO5
SW3
5 V
SC_RST
K03
Smart Card This signal starts and stops the Smart Card
reset sequence. The controller asserts this reset when
requested by the host.
O
PCIO6
SC_VCC_5V
K07
Smart Card power terminal
PWR
1 k
Ω resistor to
5 V
† These terminals are reserved for the PCI6421 and PCI6411 controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com