Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI6421 Datasheet(PDF) 68 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 68 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 64Page - Texas Instruments PCI6421 Datasheet HTML 65Page - Texas Instruments PCI6421 Datasheet HTML 66Page - Texas Instruments PCI6421 Datasheet HTML 67Page - Texas Instruments PCI6421 Datasheet HTML 68Page - Texas Instruments PCI6421 Datasheet HTML 69Page - Texas Instruments PCI6421 Datasheet HTML 70Page - Texas Instruments PCI6421 Datasheet HTML 71Page - Texas Instruments PCI6421 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 204 page
background image
3−20
PCI Bus
PCI6x21/
PCI6x11
EEPROM
Power Switch
SD/MMC
PC
Card/
UltraMedia
Card
Power
Switch
PC
Card/
UltraMedia
Card
Power Switch
SD/MMC
MS/MSPRO
SM/xD
† The system connection to GRST is implementation-specific. GRST must be asserted on initial power up of the PCI6x21/PCI6x11 controller. PRST
must be asserted for subsequent warm resets.
Figure 3−12. System Diagram Implementing CardBus Device Class Power Management
3.8.1
Integrated Low-Dropout Voltage Regulator (LDO-VR)
The PCI6x21/PCI6x11 controller requires 1.5-V core voltage. The core power can be supplied by the
PCI6x21/PCI6x11 controller itself using the internal LDO-VR. The core power can alternatively be supplied by an
external power supply through the VR_PORT terminal. Table 3−13 lists the requirements for both the internal core
power supply and the external core power supply.
Table 3−13. Requirements for Internal/External 1.5-V Core Power Supply
SUPPLY
VCC
VR_EN
VR_PORT
NOTE
Internal
3.3 V
GND
1.5-V output
Internal 1.5-V LDO-VR is enabled. A 1.0-
µF bypass capacitor is required on the VR_PORT
terminal for decoupling. This output is not for external use.
External
3.3 V
VCC
1.5-V input
Internal 1.5-V LDO-VR is disabled. An external 1.5-V power supply, of minimum 50-mA
capacity, is required. A 0.1-
µF bypass capacitor on the VR_PORT terminal is required.
3.8.2
CardBus (Functions 0 and 1) Clock Run Protocol
The PCI CLKRUN feature is the primary method of power management on the PCI interface of the PCI6x21/PCI6x11
controller. CLKRUN signaling is provided through the MFUNC6 terminal. Since some chip sets do not implement
CLKRUN, this is not always available to the system designer, and alternate power-saving features are provided. For
details on the CLKRUN protocol see the PCI Mobile Design Guide.
The PCI6x21/PCI6x11 controller does not permit the central resource to stop the PCI clock under any of the following
conditions:
•
Bit 1 (KEEPCLK) in the system control register (PCI offset 80h, see Section 4.29) is set.
•
The 16-bit PC Card resource manager is busy.
•
The PCI6x21/PCI6x11 CardBus master state machine is busy. A cycle may be in progress on CardBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com