Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI6421 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 8Page - Texas Instruments PCI6421 Datasheet HTML 9Page - Texas Instruments PCI6421 Datasheet HTML 10Page - Texas Instruments PCI6421 Datasheet HTML 11Page - Texas Instruments PCI6421 Datasheet HTML 12Page - Texas Instruments PCI6421 Datasheet HTML 13Page - Texas Instruments PCI6421 Datasheet HTML 14Page - Texas Instruments PCI6421 Datasheet HTML 15Page - Texas Instruments PCI6421 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 204 page
background image
xii
Table
Title
Page
4−1
Bit Field Access Tag Descriptions
4−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−2
Functions 0 and 1 PCI Configuration Register Map
4−1
. . . . . . . . . . . . . . . . . .
4−3
Command Register Description
4−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−4
Status Register Description
4−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−5
Secondary Status Register Description
4−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−6
Interrupt Pin Register Cross Reference
4−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−7
Bridge Control Register Description
4−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−8
System Control Register Description
4−18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−9
General Control Register Description
4−21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−10
General-Purpose Event Status Register Description
4−22
. . . . . . . . . . . . . . . . .
4−11
General-Purpose Event Enable Register Description
4−23
. . . . . . . . . . . . . . . .
4−12
General-Purpose Input Register Description
4−23
. . . . . . . . . . . . . . . . . . . . . . . .
4−13
General-Purpose Output Register Description
4−24
. . . . . . . . . . . . . . . . . . . . . .
4−14
Multifunction Routing Status Register Description
4−25
. . . . . . . . . . . . . . . . . . .
4−15
Retry Status Register Description
4−26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−16
Card Control Register Description
4−27
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−17
Device Control Register Description
4−28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−18
Diagnostic Register Description
4−29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−19
Power Management Capabilities Register Description
4−31
. . . . . . . . . . . . . . .
4−20
Power Management Control/Status Register Description
4−32
. . . . . . . . . . . . .
4−21
Power Management Control/Status Bridge Support Extensions Register
Description
4−33
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−22
Serial Bus Data Register Description
4−34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−23
Serial Bus Index Register Description
4−34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4−24
Serial Bus Slave Address Register Description
4−35
. . . . . . . . . . . . . . . . . . . . .
4−25
Serial Bus Control/Status Register Description
4−36
. . . . . . . . . . . . . . . . . . . . . .
5−1
ExCA Registers and Offsets
5−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−2
ExCA Identification and Revision Register Description
5−5
. . . . . . . . . . . . . . .
5−3
ExCA Interface Status Register Description
5−6
. . . . . . . . . . . . . . . . . . . . . . . .
5−4
ExCA Power Control Register Description—82365SL Support
5−7
. . . . . . . .
5−5
ExCA Power Control Register Description—82365SL-DF Support
5−7
. . . . .
5−6
ExCA Interrupt and General Control Register Description
5−8
. . . . . . . . . . . .
5−7
ExCA Card Status-Change Register Description
5−9
. . . . . . . . . . . . . . . . . . . .
5−8
ExCA Card Status-Change Interrupt Configuration Register
Description
5−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−9
ExCA Address Window Enable Register Description
5−11
. . . . . . . . . . . . . . . .
5−10
ExCA I/O Window Control Register Description
5−12
. . . . . . . . . . . . . . . . . . . . .
5−11
ExCA Memory Windows 0−4 Start-Address High-Byte Registers
Description
5−16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−12
ExCA Memory Windows 0−4 End-Address High-Byte Registers
Description
5−18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−13
ExCA Memory Windows 0−4 Offset-Address High-Byte Registers
Description
5−20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−14
ExCA Card Detect and General Control Register Description
5−21
. . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com