Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI6421 Datasheet(PDF) 101 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 101 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 97Page - Texas Instruments PCI6421 Datasheet HTML 98Page - Texas Instruments PCI6421 Datasheet HTML 99Page - Texas Instruments PCI6421 Datasheet HTML 100Page - Texas Instruments PCI6421 Datasheet HTML 101Page - Texas Instruments PCI6421 Datasheet HTML 102Page - Texas Instruments PCI6421 Datasheet HTML 103Page - Texas Instruments PCI6421 Datasheet HTML 104Page - Texas Instruments PCI6421 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 204 page
background image
4−25
4.36 Multifunction Routing Status Register
The multifunction routing status register is used to configure the MFUNC6−MFUNC0 terminals. These terminals may
be configured for various functions. This register is intended to be programmed once at power-on initialization. The
default value for this register can also be loaded through a serial EEPROM. See Table 4−14 for a complete description
of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Multifunction routing status
Type
R
RW
RW
RW
R
RW
RW
RW
R
RW
RW
RW
R
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Multifunction routing status
Type
R
RW
RW
RW
R
RW
RW
RW
R
RW
RW
RW
R
RW
RW
RW
Default
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Multifunction routing status
Offset:
8Ch
Type:
Read/Write, Read-only
Default:
0000 1000h
Table 4−14. Multifunction Routing Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−28 ‡
RSVD
R
Bits 31−28 return 0s when read.
27−24 ‡
MFUNC6
RW
Multifunction terminal 6 configuration. These bits control the internal signal mapped to the MFUNC6 terminal
as follows:
0000 = RSVD
0100 = IRQ4
1000 = IRQ8
1100 = IRQ12
0001 = CLKRUN
0101 = IRQ5
1001 = IRQ9
1101 = IRQ13
0010 = IRQ2
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
23−20 ‡
MFUNC5
RW
Multifunction terminal 5 configuration. These bits control the internal signal mapped to the MFUNC5 terminal
as follows:
0000 = GPI4
0100 = SC_DBG_RX
1000 = CAUDPWM
1100 = LEDA1
0001 = GPO4
0101 = IRQ5
1001 = IRQ9
1101 = LED_SKT
0010 = PCGNT
0110 = RSVD
1010 = FM_LED
1110 = GPE
0011 = IRQ3
0111 = RSVD
1011 = OHCI_LED
1111 = IRQ15
19−16 ‡
MFUNC4
RW
Multifunction terminal 4 configuration. These bits control the internal signal mapped to the MFUNC4 terminal
as follows:
0000 = GPI3
0100 = IRQ4
1000 = CAUDPWM
1100 = RI_OUT
0001 = GPO3
0101 = SC_DBG_TX
1001 = IRQ9
1101 = LED_SKT
0010 = LOCK PCI
0110 = RSVD
1010 = INTD
1110 = GPE
0011 = IRQ3
0111 = RSVD
1011 = FM_LED
1111 = IRQ15
15−12 ‡
MFUNC3
RW
Multifunction terminal 3 configuration. These bits control the internal signal mapped to the MFUNC3 terminal
as follows:
0000 = RSVD
0100 = IRQ4
1000 = IRQ8
1100 = IRQ12
0001 = IRQSER
0101 = IRQ5
1001 = IRQ9
1101 = IRQ13
0010 = IRQ2
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
11−8 ‡
MFUNC2
RW
Multifunction terminal 2 configuration. These bits control the internal signal mapped to the MFUNC2 terminal
as follows:
0000 = GPI2
0100 = IRQ4
1000 = CAUDPWM
1100 = RI_OUT
0001 = GPO2
0101 = IRQ5
1001 = FM_LED
1101 = TEST_MUX
0010 = PCREQ
0110 = RSVD
1010 = IRQ10
1110 = GPE
0011 = IRQ3
0111 = RSVD
1011 = INTC
1111 = IRQ7
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com