Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOJD107M006SWJD Datasheet(PDF) 2 Page - AVX Corporation

Part # NOJD107M006SWJD
Description  Standard and Low Profile Niobium Oxide Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJD107M006SWJD Datasheet(HTML) 2 Page - AVX Corporation

  NOJD107M006SWJD Datasheet HTML 1Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 2Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 3Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 4Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 5Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 6Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
178
071119
OxiCap® NOJ Series
Standard and Low Profile Niobium Oxide Capacitors
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
1.8V (x)
2.5V (e)
4V (G)
6.3V (J)
10V (A)
4.7
475
A
A
6.8
685
A
A
10
106
A
A/B
15
156
A
A/B
A/B
22
226
A
A/B
A/B
B/C/B(700)
33
336
A/B
A/B
B/C/B(700)
C
47
476
A
A/B
A/B/C
B/C
C
68
686
B
B/C
B/C
B/C
C
100
107
B/C
B/C
B/C/B(250)
B/C/D/B(400)
D/D(150)
150
157
C
C
C/D
C/D
220
227
C
C
C/D
C/D/E
330
337
C
C/D
D
D/E
470
477
D/E
D/E
E/V/E(75)
680
687
E
E/V
1000
108
V
V
STANDARD NIOBIUM OXIDE CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
LOW PROFILE NIOBIUM OXIDE CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
1.8V (x)
2.5V (e)
4V (G)
6.3V (J)
10V (A)
1.0
105
1.5
155
2.2
225
P
3.3
335
P
4.7
475
P/S
T
6.8
685
P/S
P/S/T
T
10
106
P/S
P/S/T
P/T
T
15
156
P/S
P/S/T
P/T
22
226
P/S/T
P/T
T
T
33
336
T
T
T
W
47
476
T
T
W
W
68
686
W
W
X/Y
100
107
W
W
W/X
F/Y
150
157
X
Y
F/Y
220
227
X
Y
F/Y
Y
330
337
Y
Y
Y
470
477
Y
Released ratings (ESR ratings in mOhms in parentheses)
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher voltage ratings in the same case size, to the same reliability standards



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com