Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOJD107M006SWJD Datasheet(PDF) 1 Page - AVX Corporation

Part # NOJD107M006SWJD
Description  Standard and Low Profile Niobium Oxide Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJD107M006SWJD Datasheet(HTML) 1 Page - AVX Corporation

  NOJD107M006SWJD Datasheet HTML 1Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 2Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 3Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 4Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 5Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 6Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
071119
177
OxiCap® NOJ Series
Standard and Low Profile Niobium Oxide Capacitors
FEATURES
•
Non-burn safe technology
•
Reliability level: 0.5%/1000 hours at 85ºC
•
13 case sizes available, standard and low profile
•
Environmentally friendly, RoHS Compliant
•
CV range: 2.2-1000μF / 1.8-10V
• Elektra Component of the Year Award, 2005
APPLICATIONS
•
Automotive, Avionics, Digital, FPGA, Industrial low voltage control circuits
• Downsized industrial and automotive DC/DC converters
Technical Data:
All technical data relate to an ambient temperature of +25°C is not stated
Capacitance Range:
2.2 μF to 1000 μF
Capacitance Tolerance:
±20%
Leakage Current DCL:
0.02CV or 1.0μA whichever is the greater
Rated Voltage DC (V
R)
+85°C:
1.8
2.5
4
6.3
10
Category Voltage (V
C)
+105°C:
1.2
1.7
2.7
4
7
Surge Voltage (V
S)
+85°C:
2.3
3.3
5.2
8
13
Surge Voltage (V
S)
+105°C:
1.6
2.2
3.4
5
8
Temperature Range:
-55°C to +105°C
Reliability:
0.5% per 1000 hours at 85°C, VR, 0.1Ω/V series impedance, 60% confidence level
Meets requirements of AEC-Q200
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H+0.20 (0.008)
W
1 ±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
–0.10 (0.004)
–0.10 (0.004)
(0.008)
–0.20 (0.008)
A
1206
3216-18
3.20 (0.126)
1.60 (0.063)
1.60 (0.063)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
B
1210
3528-21
3.50 (0.138)
2.80 (0.110)
1.90 (0.075)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
C
2312
6032-28
6.00 (0.236)
3.20 (0.126)
2.60 (0.102)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
D
2917
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
E
2917
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
V
2924
7361-38
7.30 (0.287)
6.10 (0.240)
3.55 (0.140)
3.10 (0.120)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
STANDARD CASE DIMENSIONS: millimeters (inches)
TECHNICAL SPECIFICATIONS
Elektra Award
2005
HOW TO ORDER
NOJ
Type
D
Case Size
See tables
above
107
Capacitance Code
1st two digits
represent significant
figures, 3rd digit
represents multiplier
in pF
M
Tolerance
M=±20%
006
Rated DC Voltage
001 = 1.8Vdc
002 = 2.5Vdc
004 = 4Vdc
006 = 6.3Vdc
010 = 10Vdc
R
Packaging
R = Pure Tin 7" Reel
S = Pure Tin 13" Reel
—
Additional characters
may be added for
special requirements
V = dry pack option
(selected ratings only -
dry pack is standard
for all D, E, V, X, Y
case size ratings)
WJ
Specification
Suffix
WJ = Standard
WB = Low ESR
A, B, C, D, E, F, S, T, V, W, X, Y
CASE
XXXXX
227 G
OxiCap® LOGO
Capacitance Value in pF
227 = 220µF
Rated Voltage
G = 4V
ID Code
Polarity
Band
(Anode+)
MARKING
LOW PROFILE CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H Max
W
1 ±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
–0.10 (0.004)
(0.008)
–0.20 (0.008)
F
2312
6032-20
6.00 (0.236)
3.20 (0.126)
2.00 (0.079)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
P
0805
2012-15
2.05 (0.081)
1.35 (0.053)
1.50 (0.059)
1.00±0.10
0.50 (0.020)
0.85 (0.033)
(0.039±0.004)
S
1206
3216-12
3.20 (0.126)
1.60 (0.063)
1.20 (0.047)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
T
1210
3528-12
3.50 (0.138)
2.80 (0.110)
1.20 (0.047)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
W
2312
6032-15
6.00 (0.236)
3.20 (0.126)
1.50 (0.059)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
X
2917
7343-15
7.30 (0.287)
4.30 (0.169)
1.50 (0.059)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
Y
2917
7343-20
7.30 (0.287)
4.30 (0.169)
2.00 (0.079)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
Pad Stand-off is 0.1±0.1.
P CASE
Rated Voltage Code
J = 6.3V
J
475
Capacitance Value in pF
475 = 4.7µF
Polarity
Band
(Anode+)
OxiCap
® LOGO
L
S
AA
W
1
W
H


Similar Part No. - NOJD107M006SWJD

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJD107M006SWJ AVX-NOJD107M006SWJ Datasheet
116Kb / 4P
Niobium Oxide Capacitor
More results

Similar Description - NOJD107M006SWJD

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
Niobium Oxide Capacitor
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
Niobium Oxide Capacitor
TPSA475K010R1400 AVX-TPSA475K010R1400 Datasheet
102Kb / 5P
Tantalum and Niobium Oxide Capacitors
TPSA154M050R9000 AVX-TPSA154M050R9000 Datasheet
140Kb / 6P
Tantalum Capacitors Niobium Oxide Capacitors (OxiCapTM)
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
Niobium Oxide Capacitor
NOSD107M006R0100V AVX-NOSD107M006R0100V Datasheet
117Kb / 5P
Niobium Oxide Capacitor
NLJ AVX-NLJ Datasheet
189Kb / 4P
Niobium Oxide Capacitors High CV Consumer Series
NOM AVX-NOM Datasheet
192Kb / 4P
Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
Niobium Oxide Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com