Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOJD107M006SWJD Datasheet(PDF) 5 Page - AVX Corporation

Part # NOJD107M006SWJD
Description  Standard and Low Profile Niobium Oxide Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJD107M006SWJD Datasheet(HTML) 5 Page - AVX Corporation

  NOJD107M006SWJD Datasheet HTML 1Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 2Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 3Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 4Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 5Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 6Page - AVX Corporation NOJD107M006SWJD Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
071119
181
OxiCap® NOJ Series
Standard and Low Profile Niobium Oxide Capacitors
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
105ºC
(Ω)
10 Volt @ 85°C
NOJP225M010#WJ
P
2.2
10
85
7
105
1.0
8
8.3
0.093
0.084
0.037
1
NOJP335M010#WJ
P
3.3
10
85
7
105
1.0
8
7
0.101
0.091
0.041
1
NOJA475M010#WJ
A
4.7
10
85
7
105
1.0
6
3.1
0.170
0.153
0.068
1
NOJT475M010#WJ
T
4.7
10
85
7
105
1.0
6
3.1
0.176
0.158
0.070
1
NOJA685M010#WJ
A
6.8
10
85
7
105
1.4
6
2.6
0.186
0.167
0.074
1
NOJT685M010#WJ
T
6.8
10
85
7
105
1.4
6
2.6
0.192
0.173
0.077
1
NOJA106M010#WJ
A
10
10
85
7
105
2.0
6
2.2
0.202
0.182
0.081
1
NOJB106M010#WJ
B
10
10
85
7
105
2.0
6
1
0.319
0.287
0.128
1
NOJT106M010#WJ
T
10
10
85
7
105
2.0
6
2.2
0.209
0.188
0.084
1
NOJA156M010#WJ
A
15
10
85
7
105
3.0
6
2
0.212
0.191
0.085
1
NOJB156M010#WJ
B
15
10
85
7
105
3.0
6
2
0.226
0.203
0.090
1
NOJB226M010#WJ
B
22
10
85
7
105
4.4
6
1.8
0.238
0.214
0.095
1
NOJB226M010#WB
B
22
10
85
7
105
4.4
6
0.7
0.382
0.344
0.153
3
NOJC226M010#WJ
C
22
10
85
7
105
4.4
6
0.5
0.514
0.462
0.206
1
NOJC336M010#WJ
C
33
10
85
7
105
6.6
6
0.5
0.514
0.462
0.206
1
NOJC476M010#WJ
C
47
10
85
7
105
9.4
6
0.4
0.574
0.517
0.230
1
NOJC686M010#WJ
C
68
10
85
7
105
13.6
12
0.5
0.514
0.462
0.206
1
NOJD107M010#WJ
D
100
10
85
7
105
20.0
12
0.4
0.671
0.604
0.268
3
NOJD107M010#WB
D
100
10
85
7
105
20.0
12
0.15
1.095
0.986
0.438
3
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for capacitors allow an ESR movement to 1.25 times catalog limit post mounting.
For typical weight and composition see page 274.
NOTE: AVX reserves the right to supply higher voltage ratings in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com