Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G97GS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G97GS
Description  Low-power configurable multiple function gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G97GS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC1G97GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Nexperia
74LVC1G97
Low-power configurable multiple function gate
6. Pinning information
6.1. Pinning
74LVC1G97
B
C
GND
A
Y
001aan190
1
2
3
6
VCC
5
4
Fig. 2. Pin configuration SOT363 (SC-88)
and SOT457 (SC-74)
74LVC1G97
GND
001aan191
B
A
VCC
C
Y
Transparent top view
2
3
1
5
4
6
Fig. 3. Pin configuration SOT886 (XSON6)
74LVC1G97
GND
001aan192
B
A
VCC
C
Y
Transparent top view
2
3
1
5
4
6
Fig. 4. Pin configuration SOT891, SOT1115,
and SOT1202 (XSON6)
aaa-025870
Transparent top view
VCC
5
2
GND
74LVC1G97
6
1
4
3
Y
A
C
B
Fig. 5. Pin configuration SOT1255 (X2SON6)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
B
1
data input
GND
2
ground (0 V)
A
3
data input
Y
4
data output
VCC
5
supply voltage
C
6
data input
74LVC1G97
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 6 — 8 August 2018
3 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com