Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G97GS Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G97GS
Description  Low-power configurable multiple function gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G97GS Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G97GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G97GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Nexperia
74LVC1G97
Low-power configurable multiple function gate
12.1. Waveforms transfer characteristics
mna207
VO
VI
VH
VT+
VT-
Fig. 15. Transfer characteristic
mna208
VO
VI
VH
VT+
VT-
VT+ and VT- limits are at 70 % and 20 %.
Fig. 16. Definition of VT+, VT- and VH
mnb154
VO
VH
VI
VT+
VT-
Fig. 17. Transfer characteristic
mnb155
VO
VI
VH
VT+
VT-
VT+ and VT- limits are at 70 % and 20 %.
Fig. 18. Definition of VT+, VT- and VH
001aab594
VI (V)
0
3
2
1
8
4
12
16
ICC
(mA)
0
Fig. 19. Typical 74LVC1G97 transfer characteristic; VCC = 3.0 V
74LVC1G97
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 6 — 8 August 2018
10 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com