Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT5130CS Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 26Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 27Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 28Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 29Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 30Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 31Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 32Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 33Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
INTELLON CONFIDENTIAL
30
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
SPI Master Timing Diagram
t
SPI_HIGH
t
SPI_LOW
DATA
DATA
SPI_SCLK
SPI_DI
SPI_DO
SPI_CS
t
SPI_SU
t
SPI_H
t
SPI_CSL
t
SPI_CSVD
t
SPI_DIVD
Figure 24: SPI Master Signal Timing Diagram
SPI Master DC Characteristics
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
tSPI_F
SPI_SCLK Frequency
6.125
MHz
tSPI_HIGH
SPI_SCLK High Time
@ 1.5 V
70
90
ns
tSPI_LOW
SPI_SCLK Low Time
@ 1.5 V
70
90
ns
tSPI_DIVD
SPI_DI Valid Output Delay from SPI_SCLK
@ 1.5 V
0
15
ns
tSPI_CSVD
SPI_CS Valid Output Delay from SPI_SCLK
@ 1.5 V
0
15
ns
tSPI_CSL
SPI_CS Low Time
@ 1.5 V
1000
ns
tSPI_SU
SPI_DO Setup Time to SPI_SCLK
@ 1.5 V
50
ns
tSPI_H
SPI_DO Hold Time to SPI_SCLK
@ 1.5 V
0
ns
Table 13: SPI Master DC Characteristics
LEDs
Signal
Status
Description
LED0_N
Collision
LED0_N: Collision Detection
Activate for a duration of 250 ms upon
detection of a collision.
LED1_N
Activity
LED1_N: Activity Detection
Activate for a duration of 250 ms upon the
receipt of a properly addressed unicast or
broadcast frame or the transmission of a
frame.
LED2_N
Link
LED2_N: Link Detection
Turns on when initialization is complete
successfully and “network” is established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com