Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT5130CS Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 29Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 30Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 31Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 32Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 33Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 34Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 35Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 36Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
INTELLON CONFIDENTIAL
33
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
tJTAG_F
TCK Frequency
10
MHz
tJTAG_P
TCK Period
100
ns
tJTAG_H
TCK High Time
@ 2.0V
45
ns
tJTAG_L
TCK Low Time
@ 0.8V
45
ns
tJTAG_R
TCK Rise Time
4
ns
tJTAG_FT
TCK Fall Time
4
ns
tJTAG_SU
TDI, TMS Setup Time
8
ns
tJTAG_H
TDI, TMS Hold Time
10
ns
tJTAG_VD
TDO Valid Delay
3
30
ns
tJTAG_FD
TDO Float Delay
50
ns
tJTAG_OVD
All Outputs (Non-Test) Valid Delay
3
25
ns
tJTAG_OFD
All Outputs (Non-Test) Float Delay
36
ns
tJTAG_ISU
All Inputs (Non-Test) Setup Time
8
ns
tJTAG_IH
All Inputs (Non-Test) Hold Time
7
ns
Table 15: JTAG (IEEE 1149.1) DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com