Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT5130CS Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # INT5130CS
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130CS Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button INT5130CS Datasheet HTML 30Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 31Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 32Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 33Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 34Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 35Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 36Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 37Page - List of Unclassifed Manufacturers INT5130CS Datasheet HTML 38Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
INTELLON CONFIDENTIAL
35
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
Electrical Specifications
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Core Supply Voltage
VDD
2.3
2.5
2.7
V
I/O Supply Voltage
VCC
3.0
3.3
3.6
V
Operational Temperature
TA
0
+70
°C
Note: Recommended Operating Conditions are those values beyond which operation is not guaranteed.
DC Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input HIGH Voltage
VIH
2.0
V
Input LOW Voltage
VIL
0.8
V
Output HIGH Voltage
VOH
IOH = -1mA
2.4
V
Output LOW voltage
VOL
IOL = 1mA
0.4
V
Input Current
II
-15
15
µA
Supply Current
IDD
465
mA
Supply Current
ICC
25
mA
Note: Any signal applied to the INT5130 clock pins, CLKIN and/or CLKOUT should not exceed 2.5 Volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com