Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2E22 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB2E22 Datasheet HTML 1Page - Texas Instruments TUSB2E22 Datasheet HTML 2Page - Texas Instruments TUSB2E22 Datasheet HTML 3Page - Texas Instruments TUSB2E22 Datasheet HTML 4Page - Texas Instruments TUSB2E22 Datasheet HTML 5Page - Texas Instruments TUSB2E22 Datasheet HTML 6Page - Texas Instruments TUSB2E22 Datasheet HTML 7Page - Texas Instruments TUSB2E22 Datasheet HTML 8Page - Texas Instruments TUSB2E22 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
TUSB2E22
SNLS648A – FEBRUARY 2019 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions
PIN
I/O
RESET
STATE
ASSOCIAT
ED ESD
SUPPLY
DESCRIPTION
NAME
NO.
VDD3V3
B2, D2
PWR
N/A
N/A
3.3V Supply Voltage
VDD1V8
C3, B4, D4
PWR
N/A
N/A
1.8V Analog Supply Voltage
VSS
C1, C4, B3, D3, C5
GND
N/A
N/A
GND
RESETB
E4
Digital Input
N/A
VDD1V8
Active Low Reset. Upon de-assertion of RESETB both repeaters will be enabled
and be in eUSB2 default mode awaiting configuration from eDSPr or eUSPr.
CROSS
C2
Digital Input
N/A
VDD3V3
Indicates mux orientation. Used to specify orientation of internal Crossbar switch
CROSS = Low: eUSB0 «–» USBA and eUSB1 «–» USBB
CROSS = High: eUSB0 «–» USBB and eUSB1«–» USBA
Sampled at de-assertion of RESETB
RSVD1
A2
Digital I/O
Hi-Z
VDD3V3
Reserved pins connect 1 kΩ pull up to 1.8V
RSVD2
A3
Digital I/O
Hi-Z
VDD3V3
Reserved pins connect 1 kΩ pull up to 1.8V
RSVD3
A4
Digital
Output
Hi-Z
VDD3V3
Reserved pin leave it unconnected
EQ0
E2
Digital I/O
Hi-Z (input)
VDD3V3
Compensation Level 0: EQ1=low EQ0= low
Compensation Level 1: EQ1=low EQ0=high
Compensation Level 2: EQ1=high EQ0=low
Compensation Level 3: EQ1=high EQ0=high
Pins are sampled at RESETB de-assertion
EQ1
E3
Digital I/O
Hi-Z (input)
VDD3V3
eDP0
A1
Analog I/O
Hi-Z
VDD1V8
eUSB2 port 0 D+ pin
eDN0
B1
Analog I/O
Hi-Z
VDD1V8
eUSB2 port 0 D- pin
eDN1
D1
Analog I/O
Hi-Z
VDD1V8
eUSB2 port 1 D- pin
eDP1
E1
Analog I/O
Hi-Z
VDD1V8
eUSB2 port 1 D+ pin
DPA
A5
Analog I/O
Hi-Z
VDD3V3
USB port A D+ pin
DNA
B5
Analog I/O
Hi-Z
VDD3V3
USB port A D- pin
DNB
D5
Analog I/O
Hi-Z
VDD3V3
USB port B D- pin
DPB
E5
Analog I/O
Hi-Z
VDD3V3
USB port B D+ pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com