Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2E22 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E22
Description  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 5Page - Texas Instruments TUSB2E22 Datasheet HTML 6Page - Texas Instruments TUSB2E22 Datasheet HTML 7Page - Texas Instruments TUSB2E22 Datasheet HTML 8Page - Texas Instruments TUSB2E22 Datasheet HTML 9Page - Texas Instruments TUSB2E22 Datasheet HTML 10Page - Texas Instruments TUSB2E22 Datasheet HTML 11Page - Texas Instruments TUSB2E22 Datasheet HTML 12Page - Texas Instruments TUSB2E22 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
TUSB2E22
www.ti.com
SNLS648A – FEBRUARY 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DPA, DNA, DPB, DNB, FS Driver Switching Characteristics
TFR
Rise Time (10% - 90%)
USB 2.0 Spec Figure 7-8; Figure 7-9
4
20
ns
TFF
Fall Time (10% - 90%)
USB 2.0 Spec Figure 7-8; Figure 7-9
4
20
ns
TFRFM
(TFR/TFM)
USB 2.0 Spec 7.1.2, Excluding the first
transition from the Idle state
90
111.1
%
DPA, DNA, DPB , DNB, LS Driver Switching Characteristics
TLR
Rise Time (10% - 90%)
USB 2.0 Spec Figure 7-8
75
300
ns
TLF
Fall Time (10% - 90%)
USB 2.0 Spec Figure 7-8
75
300
ns
eDP0, eDN0, eDP1, eDN1, HS Driver Switching Characteristics
TEHSRF_
MM
Transmit rise/fall mismatch
eUSB2 Spec Section 7.2.1,
Rise/fall mismatch = absolute delta of
(rise – fall time) / (average of rise and fall
time).
25
%
eDP0, eDN0, eDP1, eDN1, LS/FS Driver Switching Characteristics
TERF
Rise/Fall Time (10% - 90%)
eUSB2 Spec Section 7.2.1
2
6
ns
TERF_MM
Transmit rise/fall mismatch
eUSB2 Spec Section 7.2.1
25
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com