Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2439-1IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2439-1IGN
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2439-1IGN Datasheet HTML 11Page - Linear Technology LTC2439-1IGN Datasheet HTML 12Page - Linear Technology LTC2439-1IGN Datasheet HTML 13Page - Linear Technology LTC2439-1IGN Datasheet HTML 14Page - Linear Technology LTC2439-1IGN Datasheet HTML 15Page - Linear Technology LTC2439-1IGN Datasheet HTML 16Page - Linear Technology LTC2439-1IGN Datasheet HTML 17Page - Linear Technology LTC2439-1IGN Datasheet HTML 18Page - Linear Technology LTC2439-1IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC2439-1
15
24391f
APPLICATIO S I FOR ATIO
Figure 6. External Serial Clock, Single Cycle Operation
EOC
BIT 18
SDO
SCK
(EXTERNAL)
CS
(1)
(0)
EN
SGL
A2
A1
A0
ODD/
SIGN
SDI
DON’T CARE
TEST EOC
LBS
MSB
SIG
BIT 0
BIT 6
BIT 14
BIT 13
BIT 12
BIT 11
BIT 15
BIT 16
BIT 17
SLEEP
SLEEP
DATA OUTPUT
CONVERSION
24391 F05
CONVERSION
Hi-Z
Hi-Z
Hi-Z
TEST EOC
VCC
FO
REF+
REF–
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
920
11
12
21
28
1
8
10
18
17
15
16
19
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
1
µF
2.7V TO 5.5V
LTC2439-1
4-WIRE
SPI INTERFACE
•
•
•
•
•
•
•
•
•
•
•
•
DON’T CARE
TEST EOC
(OPTIONAL)
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/SIMULTANEOUS
50Hz/60Hz REJECTION
(0)
is seen while CS is LOW. The input data is then shifted in
via the SDI pin on the rising edge of SCK (including the
first rising edge) and the output data is shifted out of the
SDO pin on each falling edge of SCK. This enables
external circuitry to latch the output on the rising edge of
SCK. EOC can be latched on the first rising edge of SCK
and the last bit of the conversion result can be latched on
the 19th rising edge of SCK. On the 19th falling edge of
SCK, the device begins a new conversion. SDO goes HIGH
(EOC = 1) indicating a conversion is in progress.
At the conclusion of the data cycle, CS may remain LOW
and EOC monitored as an end-of-conversion interrupt.
Alternatively, CS may be driven HIGH setting SDO to Hi-Z.
As described above, CS may be pulled LOW at any time in
order to monitor the conversion status.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the first rising edge and the19th
falling edge of SCK, see Figure 7. On the rising edge of CS,
the device aborts the data output state and immediately
initiates a new conversion. If the device has not finished
loading the last input bit A0 of SDI by the time CS is pulled
HIGH, the address information is discarded and the previ-
ous address is kept. This is useful for aborting an invalid
conversion cycle or synchronizing the start of a conversion.
External Serial Clock, 3-Wire I/O
This timing mode utilizes a 3-wire serial I/O interface. The
conversion result is shifted out of the device by an exter-
nally generated serial clock (SCK) signal, see Figure 8. CS
may be permanently tied to ground, simplifying the user
interface or isolation barrier.
The external serial clock mode is selected at the end of the
power-on reset (POR) cycle. The POR cycle is concluded
typically 1ms after VCC exceeds approximately 2V. The
level applied to SCK at this time determines if SCK is
internal or external. SCK must be driven LOW prior to the
end of POR in order to enter the external serial clock timing
mode.
Since CS is tied LOW, the end-of-conversion (EOC) can be
continuously monitored at the SDO pin during the convert
and sleep states. EOC may be used as an interrupt to an
external controller indicating the conversion result is
ready. EOC = 1 while the conversion is in progress and
EOC = 0 once the conversion ends. On the falling edge of
EOC, the conversion result is loaded into an internal static



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com