Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2439-1IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2439-1IGN
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2439-1IGN Datasheet HTML 20Page - Linear Technology LTC2439-1IGN Datasheet HTML 21Page - Linear Technology LTC2439-1IGN Datasheet HTML 22Page - Linear Technology LTC2439-1IGN Datasheet HTML 23Page - Linear Technology LTC2439-1IGN Datasheet HTML 24Page - Linear Technology LTC2439-1IGN Datasheet HTML 25Page - Linear Technology LTC2439-1IGN Datasheet HTML 26Page - Linear Technology LTC2439-1IGN Datasheet HTML 27Page - Linear Technology LTC2439-1IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC2439-1
24
24391f
IN–, the expected drift of the dynamic current, offset and
gain errors will be insignificant (about 1% of their respec-
tive values over the entire temperature and voltage range).
Even for the most stringent applications, a one-time
calibration operation may be sufficient.
In addition to the input sampling charge, the input ESD
protection diodes have a temperature dependent leakage
current. This current, nominally 1nA (
±10nA max), results
in a small offset shift. A 15k source resistance will create
a 0LSB typical and 1LSB maximum offset voltage.
Reference Current
In a similar fashion, the LTC2439-1 samples the differen-
tial reference pins REF+ and REF– transfering small amount
of charge to and from the external driving circuits thus
producing a dynamic reference current. This current does
not change the converter offset, but it may degrade the
gain and INL performance. The effect of this current can be
analyzed in the same two distinct situations.
For relatively small values of the external reference capaci-
tors (CREF < 0.01µF), the voltage on the sampling capacitor
settles almost completely and relatively large values for
the source impedance result in only small errors. Such
values for CREF will deteriorate the converter offset and
gain performance without significant benefits of reference
filtering and the user is advised to avoid them.
Larger values of reference capacitors (CREF > 0.01µF) may
be required as reference filters in certain configurations.
Such capacitors will average the reference sampling charge
and the external source resistance will see a quasi con-
stant reference differential impedance. When FO = LOW
(internal oscillator and 50Hz/60Hz notch), the typical
differential reference resistance is 1.4M
Ω which will gen-
erate a gain error of approximately 1LSB full scale for each
40
Ω of source resistance driving REF+ or REF–. When FO
is driven by an external oscillator with a frequency fEOSC
(external conversion clock operation), the typical differen-
tial reference resistance is 0.20 • 1012/fEOSCΩ and each
ohm of source resistance drving REF+ or REF– will result
in 1.54 • 10–7 • fEOSCLSB gain error at full scale. The effect
of the source resistance on the two reference pins is
additive with respect to this gain error. The typical +FS and
–FS errors for various combinations of source resistance
seen by the REF+ and REF– pins and external capacitance
CREF connected to these pins are shown in Figures 19, 20,
21 and 22.
In addition to this gain error, the converter INL perfor-
mance is degraded by the reference source impedance.
When FO = LOW (internal oscillator and 50Hz/60Hz notch),
every 1000
Ω of source resistance driving REF+ or REF–
translates into about 1LSB additional INL error. When FO
is driven by an external oscillator with a frequency fEOSC,
every 100
Ω of source resistance driving REF+ or REF–
translates into about 5.5 • 10–7 • fEOSCLSB additional INL
error. Figure 23 shows the typical INL error due to the
source resistance driving the REF+ or REF– pins when
large CREF values are used. The effect of the source
resistance on the two reference pins is additive with
respect to this INL error. In general, matching of source
RSOURCE (Ω)
1
10
100
1k
10k
100k
24361 F19
0
–3
–2
–1
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = 5V
IN – = 2.5V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
1
10
100
1k
10k
100k
2412 F19
3
0
1
2
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = GND
IN – = 2.5V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
Figure 19. +FS Error vs RSOURCE at REF
+ or REF– (Small CIN)
Figure 20. –FS Error vs RSOURCE at REF+ or REF– (Small CIN)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com