Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2439-1IGN Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2439-1IGN
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1IGN Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2439-1IGN Datasheet HTML 20Page - Linear Technology LTC2439-1IGN Datasheet HTML 21Page - Linear Technology LTC2439-1IGN Datasheet HTML 22Page - Linear Technology LTC2439-1IGN Datasheet HTML 23Page - Linear Technology LTC2439-1IGN Datasheet HTML 24Page - Linear Technology LTC2439-1IGN Datasheet HTML 25Page - Linear Technology LTC2439-1IGN Datasheet HTML 26Page - Linear Technology LTC2439-1IGN Datasheet HTML 27Page - Linear Technology LTC2439-1IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC2439-1
25
24391f
impedance for the REF+ and REF– pins does not help the
gain or the INL error. The user is thus advised to minimize
the combined source impedance driving the REF+ and
REF– pins rather than to try to match it.
The magnitude of the dynamic reference current depends
upon the size of the very stable internal sampling capaci-
tors and upon the accuracy of the converter sampling
clock. The accuracy of the internal clock over the entire
temperature and power supply range is typical better than
0.5%. Such a specification can also be easily achieved by
an external clock. When relatively stable resistors
(50ppm/
°C) are used for the external source impedance
seen by REF+ and REF–, the expected drift of the dynamic
current gain error will be insignificant (about 1% of its
value over the entire temperature and voltage range). Even
for the most stringent applications a one-time calibration
operation may be sufficient.
In addition to the reference sampling charge, the reference
pins ESD protection diodes have a temperature dependent
leakage current. This leakage current, nominally 1nA
(
±10nA max), results in a small gain error. A 100Ω source
resistance will create a 0.05
µV typical and 0.5µV maxi-
mum full-scale error.
Output Data Rate
When using its internal oscillator, the LTC2439-1 can
produce up to 6.8 readings per second. The actual output
data rate will depend upon the length of the sleep and data
output phases which are controlled by the user and which
can be made insignificantly short. When operated with an
external conversion clock (FO connected to an external
oscillator), the LTC2439-1 output data rate can be in-
creased as desired. The duration of the conversion phase
is 20510/fEOSC. If fEOSC = 139,800Hz, the converter be-
haves as if the internal oscillator is used with simultaneous
50Hz/60Hz. There is no significant difference in the
LTC2439-1 performance between these two operation
modes.
An increase in fEOSC over the nominal 139,800Hz will
translate into a proportional increase in the maximum
output data rate. This substantial advantage is neverthe-
less accompanied by three potential effects, which must
be carefully considered.
RSOURCE (Ω)
0 100 200 300 400 500 600 700 800 900 1000
24361 F21
0
6
11
17
22
30
VCC = 5V
REF+ = 5V
REF– = GND
IN+ = 3.75V
IN – = 1.25V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.1µF
CREF = 1µF, 10µF
RSOURCE (Ω)
0 100 200 300 400 500 600 700 800 900 1000
24361 F22
30
22
17
11
6
0
VCC = 5V
REF+ = 5V
REF– = GND
IN+ = 1.25V
IN – = 3.75V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.1µF
CREF = 1µF, 10µF
VINDIF/VREFDIF
–0.5 –0.4–0.3–0.2–0.1 0
0.1 0.2 0.3 0.4 0.5
1
0
–1
VCC = 5V
REF+ = 5V
REF– = GND
VINCM = 0.5 • (IN
+ + IN–) = 2.5V
FO = GND
CREF = 10µF
TA = 25°C
RSOURCE = 1000Ω
24361 F23
Figure 21. +FS Error vs RSOURCE at REF+ and REF– (Large CREF)
Figure 22. –FS Error vs RSOURCE at REF+ and REF– (Large CREF)
Figure 23. INL vs Differential Input Voltage (VIN = IN
+ – IN–)
and Reference Source Resistance (RSOURCE at REF+ and REF–
for Large CREF Values (CREF ≥ 1µF)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com