Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4922 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4922 Datasheet HTML 3Page - Cirrus Logic CS4922 Datasheet HTML 4Page - Cirrus Logic CS4922 Datasheet HTML 5Page - Cirrus Logic CS4922 Datasheet HTML 6Page - Cirrus Logic CS4922 Datasheet HTML 7Page - Cirrus Logic CS4922 Datasheet HTML 8Page - Cirrus Logic CS4922 Datasheet HTML 9Page - Cirrus Logic CS4922 Datasheet HTML 10Page - Cirrus Logic CS4922 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CS4922
7
SWITCHING CHARACTERISTICS - BOOT INITIALIZATION (T
A = 25 °C; VA+, VD+ =
5V; Inputs: Logic 0 = DGND, Logic 1 = VD+, CL = 20pF)
Notes: 4. The mode of the Serial Control Port is selected by CS. CS = 1 is I2C® . CS = 0 is SPI mode.
5. This delay is necessary after any rising edge of RESET to allow time for the part to initialize and for
the on-board PLL to stabilize.
Parameter
Symbol
Min
Max
Units
BOOT Setup Time to RESET Rising
tbsu
350
-
ns
RESET Rising to Boot Hold Time
tbh
450
-
ns
CS Setup Time to RESET Rising
(Note 4)
tcssu
200
-
ns
RESET Rising to CS Hold Time
tcsh
400
-
ns
RESET Low Time
trlow
50
-
µs
SCK/SCL Delay Time from RESET Rising
(Note 5)
trsc
2-
ms
SCK/SCL falling to CS rising on last byte of download
tsfcr
3-
µs
BOOT
RESET
SCK/SCL
tbsu tbh
trlow
tcssu
tcsh
trsc
CS
(SPI)
CS
(I C)
2
tsfcr
Figure 1. Boot Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com