Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4922 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4922 Datasheet HTML 8Page - Cirrus Logic CS4922 Datasheet HTML 9Page - Cirrus Logic CS4922 Datasheet HTML 10Page - Cirrus Logic CS4922 Datasheet HTML 11Page - Cirrus Logic CS4922 Datasheet HTML 12Page - Cirrus Logic CS4922 Datasheet HTML 13Page - Cirrus Logic CS4922 Datasheet HTML 14Page - Cirrus Logic CS4922 Datasheet HTML 15Page - Cirrus Logic CS4922 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
CS4922
12
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT (T
A = 25 °C; VA+, VD+ =
5V; Inputs: Logic 0 = GND, Logic 1 = VD+; CL = 20 pF)
Notes: 15. The table above assumes data is output on the falling edge and latched on the rising edge. The SCLK
edge is selectable in setting the EDG bit in the ASICN register. The diagram is for EDG = 1.
Parameter
Symbol
Min
Typ
Max
Units
SCLK Frequency
-
-
12.5
MHz
SCLK Pulse Width Low
tsckl
25
-
-
ns
SCLK Pulse Width High
tsckh
25
-
-
ns
SCLK rising to FSYNC edge delay
(Note 15)
tsfds
20
-
-
ns
SCLK rising to FSYNC edge setup
(Note 15)
tsfs
20
-
-
ns
SDATA valid to SCLK rising setup
(Note 15)
tsss
20
-
-
ns
SCLK rising to SDATA hold time
(Note 15)
tssh
20
-
-
ns
Rise time of SCLK
tsclr
--
20
ns
sckh
t
sfs
t
sfds
t
sss
t
ssh
t
sckl
t
SDATA
SCLK
FSYNC
sclr
t
Figure 4. Serial Audio Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com