| Electronic Components Datasheet Search |
|
CS4922 Datasheet(PDF) 22 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4922 Datasheet(HTML) 22 Page - Cirrus Logic |
|
22 / 34 page ![]() CS4922 22 The 8 bit value in the serial shift register is shifted out by the master. The data is valid on the rising edge of SCL/SCK and transitions immediately fol- lowing the falling edge. For SPI, the REQ line will be de-asserted immediately following the rising edge of the second to last data bit, of the current byte being transferred, if there is no data in the SCPOUT register. The REQ line is guaranteed to stay de-asserted (high) until the rising edge of the SCL/SCK for the last data bit. This signals the host that the transfer is complete. If there is data placed in SCPOUT prior to the ris- ing edge of SCL/SCK for the second to last data bit, then REQ will remain asserted (low). Immediately following the falling edge of SCL/SCK for the last data bit, the new data byte will be loaded into the serial shift register. The host should continue to read this new byte. It is important to note that once the data is in the shift register, clocks on the SCL/SCK line will shift the data bits out of the shift register. The host should read the byte prior to any other bus activity or the data will be lost. If CS is de-asserted SCK/SCL will not shift the data out. However the data is still in the shift register. Once CS becomes active (low) each SCL/SCK will shift the data out of the register. If data is placed in SCPOUT after the rising edge of SCL/SCK for the second to last data bit, but before the rising edge of SCL/SCK for the last data bit, REQ will not be asserted until after the rising edge of SCL/SCK for the last data bit. This should be treated as a completed transfer. The data written to SCPOUT will not be loaded into the shift register on the falling edge of SCL/SCK for the last data bit. Therefore, a new read operation is required to read this byte. 4.8 External Flag Pins The CS4922 has four external flag pins: XF1-XF4. An external pull-up (2.2 k Ω typical) is required for proper operation on each pin. The usage of the XF pins is completely defined by the application code running on the CS4922. The MPEG application, for example, uses XF1 as a compressed data throttle indicator. When the XF1 pin is low, the host may continue to send com- pressed data to the CS4922. When XF1 is high, the CS SCL/SCK CS SCL/SCK CDIN CDIN AD6 AD5 AD4 AD3 AD2 AD1 AD0 R/W CDOUT D7 REQ CDOUT D6 D5 D4 D3 D2 D1 D0 REQ Figure 17. Control Port Timing, SPI Read |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |