Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378-ISZ Datasheet(PDF) 84 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 84 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 78Page - Cirrus Logic CS5378-ISZ Datasheet HTML 79Page - Cirrus Logic CS5378-ISZ Datasheet HTML 80Page - Cirrus Logic CS5378-ISZ Datasheet HTML 81Page - Cirrus Logic CS5378-ISZ Datasheet HTML 82Page - Cirrus Logic CS5378-ISZ Datasheet HTML 83Page - Cirrus Logic CS5378-ISZ Datasheet HTML 84Page - Cirrus Logic CS5378-ISZ Datasheet HTML 85Page - Cirrus Logic CS5378-ISZ Datasheet HTML 86Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
CS5378
DS639F1
84
Pin
Name
Pin
Number
Pin
Type
Pin
Description
Test Bit Stream
TBSDATA
8
Output
Test bit stream data output.
Modulator Interface
MCLK
11
Output
Modulator clock output.
MSYNC
12
Output
Modulator sync output.
MDATA
13
Input
Modulator data input.
MFLAG
14
Input
Modulator flag input.
Telemetry Interface
CLK
17
Input
Clock input.
RESET
18
Input
Reset, active low.
SYNC
19
Input
Sync input.
TIMEB
20
Input
Time break input.
Serial Interface
DRDY
23
Output
Data ready, active low.
SCK
24
Input / Output
Serial clock.
MISO
25
Input / Output
Serial data, master in / slave out.
MOSI
26
Input / Output
Serial data, master out / slave in.
SS:EECS
27
Input
Slave select with EEPROM chip select, active low.
Power Supplies
VDDPAD,
GNDPAD
9, 10
Supply
Pin power supply.
VDDPLL,
GNDPLL
15, 16
Supply
PLL power supply.
VDDCORE,
GNDCORE
21, 22
Supply
Logic core power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com