Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378-ISZ Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 16Page - Cirrus Logic CS5378-ISZ Datasheet HTML 17Page - Cirrus Logic CS5378-ISZ Datasheet HTML 18Page - Cirrus Logic CS5378-ISZ Datasheet HTML 19Page - Cirrus Logic CS5378-ISZ Datasheet HTML 20Page - Cirrus Logic CS5378-ISZ Datasheet HTML 21Page - Cirrus Logic CS5378-ISZ Datasheet HTML 22Page - Cirrus Logic CS5378-ISZ Datasheet HTML 23Page - Cirrus Logic CS5378-ISZ Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
CS5378
DS639F1
20
4. POWER SUPPLIES
The CS5378 has three sets of power supply inputs.
One set supplies power to the I/O pins of the device
(VDDPAD), another supplies power to the logic
core (VDDCORE) and the third supplies power to
the PLL (VDDPLL). The I/O pin power supplies
determine the maximum input and output voltages
when interfacing to peripherals, the logic core pow-
er supply largely determines the power consump-
tion of the CS5378 and the PLL power supply
powers the internal PLL circuitry.
4.1 Pin Descriptions
VDDPAD, GNDPAD - Pins 9, 10
Sets the interface voltage to a microcontroller, sys-
tem telemetry, modulator, and test DAC. VDD-
PAD can be driven with voltages from 3.3 V to
5V.
VDDPLL, GNDPLL - Pins 15, 16
Sets the operational voltage of the internal CS5378
PLL circuitry. Can be driven with voltages from
3.3 V to 5 V.
VDDCORE, GNDCORE - Pins 21, 22
Sets the operational voltage of the CS5378 logic
core. VDDCORE can be driven with voltages from
2.5 V to 5 V. A 2.5 V supply will minimize total
power consumption.
4.2 Bypass Capacitors
Each power supply pin should be bypassed with
parallel 1
µF and 0.01 µF caps, or by a single
0.1
µF cap, placed as close as possible to the
CS5378.
Bypass capacitors should be ceramic
(X7R, C0G), tantalum, or other good quality di-
electric type.
4.3 Power Consumption
Power consumption of the CS5378 depends prima-
rily on the power supply voltage of the logic core
(VDDCORE) and the programmed digital filter
clock rate. Digital filter clock rates are selected
based on the required output word rate as explained
in “Digital Filter Initialization” on page 38.
1
2
3
4
5
6
7
82 1
22
23
24
25
26
27
28
9
10
11
12
1 7
18
19
20
13
14
1 5
16
VDDPAD
GNDPAD
GNDCORE
VDDCORE
Figure 10. Power Supply Block Diagram
GNDPLL
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com