| Electronic Components Datasheet Search |
|
CS5378-ISZ Datasheet(PDF) 44 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5378-ISZ Datasheet(HTML) 44 Page - Cirrus Logic |
|
44 / 86 page ![]() CS5378 DS639F1 44 13. FIR FILTER The finite impulse response (FIR) filter block con- sists of two cascaded stages, FIR1 and FIR2. It compensates for SINC filter droop and creates a low-pass corner to block aliased components of the input signal. On-chip linear phase or minimum phase coeffi- cients can be selected using a configuration com- mand, or the coefficients can be programmed for a custom filter response. 13.1 FIR1 Filter The FIR1 filter stage has a decimate by four archi- tecture. It compensates for SINC filter droop and flattens the magnitude response of the pass band. The on-chip linear and minimum phase coefficient sets are 48-tap, with a maximum 255 programma- ble coefficients. All coefficients are normalized to 24-bit two’s complement full scale, 0x7FFFFF. The characteristic equation for FIR1 is a convolu- tion of the input values, X(n), and the filter coeffi- cients, h(k), to produce an output value, Y. Y = [h(k)*X(n-k)] + [h(k+1)*X(n-(k+1))] + ... 13.2 FIR2 Filter The FIR2 filter stage has a decimate by two archi- tecture. It creates a low-pass brick wall filter to block aliased components of the input signal. The on-chip linear and minimum phase coefficient sets are 126-tap, with a maximum 255 programma- ble coefficients. All coefficients are normalized to 24-bit two’s complement full scale, 0x7FFFFF. The characteristic equation for FIR2 is a convolu- tion of the input values, X(n), and the filter coeffi- cients, h(k), to produce an output value, Y. Y = [h(k)*X(n-k)] + [h(k+1)*X(n-(k+1))] + ... 13.3 On-Chip FIR Coefficients Two sets of on-chip coefficients, linear phase and minimum phase, are available for FIR1 and FIR2. Performance of the on-chip coefficient sets is very good, with excellent ripple and stop band charac- teristics as described in Figure 26 and Table 14. Which on-chip coefficient set to use is selected by a data word following the ‘Write ROM Coeffi- cients’ configuration command. See “Filter Coef- ficient Selection” on page 38 for information about selecting on-chip coefficient sets. FIR1 Filter - decimate by 4 FIR2 Filter - decimate by 2 Figure 25. FIR Filter Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |