Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42426 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42426
Description  114 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42426 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42426 Datasheet HTML 1Page - Cirrus Logic CS42426 Datasheet HTML 2Page - Cirrus Logic CS42426 Datasheet HTML 3Page - Cirrus Logic CS42426 Datasheet HTML 4Page - Cirrus Logic CS42426 Datasheet HTML 5Page - Cirrus Logic CS42426 Datasheet HTML 6Page - Cirrus Logic CS42426 Datasheet HTML 7Page - Cirrus Logic CS42426 Datasheet HTML 8Page - Cirrus Logic CS42426 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CS42426
114 dB, 192 kHz 6-Ch Codec with PLL
Features
Six 24-bit D/A, two 24-bit A/D converters
114 dB DAC / 114 dB ADC dynamic range
-100 dB THD+N
System sampling rates up to 192 kHz
Integrated low-jitter PLL for increased system
jitter tolerance
PLL clock or OMCK system clock selection
7 configurable general purpose outputs
ADC high pass filter for DC offset calibration
Expandable ADC channels and one-line
mode support
Digital output volume control with soft ramp
Digital +/-15 dB input gain adjust for ADC
Differential analog architecture
Supports logic levels between 5 V and 1.8 V
General Description
The CS42426 CODEC provides two analog-to-digital and six
digital-to-analog Delta-Sigma converters, as well as an inte-
grated PLL, in a 64-pin LQFP package.
The CS42426 integrated PLL provides a low-jitter system
clock. The internal stereo ADC is capable of independent chan-
nel gain control for single-ended or differential analog inputs.
All six channels of DAC provide digital volume control and dif-
ferential analog outputs. The general purpose outputs may be
driven high or low, or mapped to a variety of DAC mute controls
or ADC overflow indicators.
The CS42426 is ideal for audio systems requiring wide
dynamic range, negligible distortion and low noise, such as A/V
receivers, DVD receivers, digital speaker and automotive audio
systems.
ORDERING INFORMATION
CS42426-CQZ -10° to 70° C
64-pin LQFP
CS42426-DQZ -40° to 85° C
64-pin LQFP
CDB42428
Evaluation Board
PLL
Internal Voltage
Reference
RST
GPO1
AD0/CS
SCL/CCLK
SDA/CDOUT
AD1/CDIN
VLC
AOUTA1+
AOUTA1-
AOUTB1+
AOUTA3+
AOUTA3-
AOUTA2-
AOUTB2-
AOUTA2+
AOUTB2+
AOUTB1-
AOUTB3+
AOUTB3-
AINL+
AINL-
AINR+
AINR-
FILT+
REFGND VQ
ADC#1
ADC#2
Digital Filter
Digital Filter
Gain & Clip
Gain & Clip
ADC_SDOUT
ADCIN1
ADCIN2
DAC_SCLK
DAC_LRCK
DAC_SDIN3
DAC_SDIN2
DAC_SDIN1
VLS
ADC_LRCK
DGND VD
OMCK
RMCK
LPFLT
INT
Control
Port
DAC#1
DAC#2
DAC#3
DAC#4
DAC#5
DAC#6
GPO2
GPO3
GPO4
GPO5
GPO6
GPO7
MUTEC
Mute
VA AGND
ADC
Serial
Audio
Port
Mult/Div
GPO
ADC_SCLK
JUL ‘04
DS604A2


Similar Part No. - CS42426

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42426 CIRRUS-CS42426 Datasheet
1Mb / 73P
114 dB, 192 kHz 6-Ch Codec with PLL
CS42426-CQZ CIRRUS-CS42426-CQZ Datasheet
1Mb / 73P
114 dB, 192 kHz 6-Ch Codec with PLL
CS42426-CQZR CIRRUS-CS42426-CQZR Datasheet
1Mb / 73P
114 dB, 192 kHz 6-Ch Codec with PLL
CS42426-DQZ CIRRUS-CS42426-DQZ Datasheet
1Mb / 73P
114 dB, 192 kHz 6-Ch Codec with PLL
CS42426-DQZR CIRRUS-CS42426-DQZR Datasheet
1Mb / 73P
114 dB, 192 kHz 6-Ch Codec with PLL
More results

Similar Description - CS42426

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42526 CIRRUS-CS42526 Datasheet
1Mb / 90P
114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528 Datasheet
1Mb / 91P
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 67P
110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42418 CIRRUS-CS42418 Datasheet
1Mb / 67P
110 dB, 192kHz 8-Ch CODEC WITH PLL
CS42428 CIRRUS-CS42428 Datasheet
1Mb / 67P
114 dB, 192kHz 8-Ch CODEC WITH PLL
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
110 dB, 192 kHz 6-Ch Codec with PLL
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
114 dB, 192 kHz 6-Ch Codec with PLL
CS42428 CIRRUS-CS42428_05 Datasheet
1Mb / 73P
114 dB, 192 kHz 8-Ch Codec with PLL
CS42526 CIRRUS-CS42526_05 Datasheet
1Mb / 93P
114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528_05 Datasheet
1Mb / 91P
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com