Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42426 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS42426
Description  114 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42426 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS42426 Datasheet HTML 10Page - Cirrus Logic CS42426 Datasheet HTML 11Page - Cirrus Logic CS42426 Datasheet HTML 12Page - Cirrus Logic CS42426 Datasheet HTML 13Page - Cirrus Logic CS42426 Datasheet HTML 14Page - Cirrus Logic CS42426 Datasheet HTML 15Page - Cirrus Logic CS42426 Datasheet HTML 16Page - Cirrus Logic CS42426 Datasheet HTML 17Page - Cirrus Logic CS42426 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
CS42426
14
3.4
Clock Generation
The clock generation for the CS42426 is shown in the figure below. The internal MCLK is derived from
the output of the PLL or a master clock source attached to OMCK. The mux selection is controlled by the
SW_CTRLx bits and can be configured to manual switch mode only, or automatically switch on loss of
PLL lock to the other source input.
3.4.1
PLL and Jitter Attenuation
The PLL can be configured to lock onto the incoming ADC_LRCK signal from the ADC Serial Port and
generate the required internal master clock frequency. There are some applications where low jitter in the
recovered clock, presented on the RMCK pin, is important. For this reason, the PLL has been designed to
have good jitter attenuation characteristics. By setting the PLL_LRCK bit to a ‘1’ in the register “Clock
Control (address 06h)” on page 37, the PLL will lock to the incoming ADC_LRCK and generate an output
master clock (RMCK) of 256Fs. Table 3 below shows the output of the PLL with typical input Fs values
for ADC_LRCK.
The PLL behavior is affected by the external filter component values. Figure 1 shows the required config-
uration of the external filter components. The set of component values required for 32 kHz to 192 kHz
ADC_LRCK
(slave mode)
PLL (256Fs)
8.192 -
49.152 MHz
00
01
P LL_LRCK bit
SW_CTRLx bits
(manual or auto
switch)
OMCK
Auto Detect
Input Clock
1,1.5, 2, 4
single
speed
256
double
speed
128
quad
speed
64
single
speed
4
double
speed
2
quad
speed
1
00
01
10
00
01
10
00
01
10
00
01
10
not O LM
OLM #1
DAC _FMx bits
ADC_ FMx bits
DAC_OLx
or
ADC_O Lx bits
ADC_O Lx and
ADC _S P SELx b its
ADC_SCLK
DAC_SCLK
D AC_LRCK
ADC_LRCK
RMCK
OLM #2
not O LM
OLM #1
OLM #2
128FS
256FS
128FS
256FS
Internal
MCLK
00
01
10
11
RMCK_DIVx bits
2
4
X2
Figure 6. Clock Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com