Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42426 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS42426
Description  114 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42426 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS42426 Datasheet HTML 40Page - Cirrus Logic CS42426 Datasheet HTML 41Page - Cirrus Logic CS42426 Datasheet HTML 42Page - Cirrus Logic CS42426 Datasheet HTML 43Page - Cirrus Logic CS42426 Datasheet HTML 44Page - Cirrus Logic CS42426 Datasheet HTML 45Page - Cirrus Logic CS42426 Datasheet HTML 46Page - Cirrus Logic CS42426 Datasheet HTML 47Page - Cirrus Logic CS42426 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
CS42426
44
5.14.2 ATAPI CHANNEL MIXING AND MUTING (PX_ATAPIX)
Default = 01001
Function:
The CS42426 implements the channel mixing functions of the ATAPI CD-ROM specification. The
ATAPI functions are applied per A-B pair. Refer to Table 15 and Figure 5 for additional information.
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTAx
AOUTBx
00
00
0
MUTE
MUTE
00
00
1
MUTE
bR
00
01
0
MUTE
bL
00
01
1
MUTE
b[(L+R)/2]
00
10
0
aR
MUTE
00
10
1
aR
bR
00
11
0
aR
bL
00
11
1
aR
b[(L+R)/2]
01
00
0
aL
MUTE
01
00
1
aL
bR
01
01
0
aL
bL
01
01
1
aL
b[(L+R)/2]
01
10
0
a[(L+R)/2]
MUTE
01
10
1
a[(L+R)/2]
bR
01
11
0
a[(L+R)/2]
bL
0
1
1
1
1
a[(L+R)/2]
b[(L+R)/2]
10
00
0
MUTE
MUTE
10
00
1
MUTE
bR
10
01
0
MUTE
bL
1
0
0
1
1
MUTE
[(aL+bR)/2]
10
10
0
aR
MUTE
10
10
1
aR
bR
10
11
0
aR
bL
1
0
1
1
1
aR
[(bL+aR)/2]
11
00
0
aL
MUTE
11
00
1
aL
bR
11
01
0
aL
bL
1
1
0
1
1
aL
[(aL+bR)/2]
1
1
1
0
0
[(aL+bR)/2]
MUTE
1
1
1
0
1
[(aL+bR)/2]
bR
1
1
1
1
0
[(bL+aR)/2]
bL
1
1
1
1
1
[(aL+bR)/2]
[(aL+bR)/2]
Table 15. ATAPI Decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com