Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44210 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 2Page - Cirrus Logic CS44210 Datasheet HTML 3Page - Cirrus Logic CS44210 Datasheet HTML 4Page - Cirrus Logic CS44210 Datasheet HTML 5Page - Cirrus Logic CS44210 Datasheet HTML 6Page - Cirrus Logic CS44210 Datasheet HTML 7Page - Cirrus Logic CS44210 Datasheet HTML 8Page - Cirrus Logic CS44210 Datasheet HTML 9Page - Cirrus Logic CS44210 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
CS44210
6
DS539PP1
ABSOLUTE MAXIMUM RATINGS (GND = 0V; all voltages with respect to ground.)
CAUTION: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (GND = 0V; all voltages with respect to ground.)
SWITCHING CHARACTERISTICS (T
A = -10 to 70°C; VL = 2.4V - 5.0V; Inputs: Logic 0 = GND,
Logic 1 = VL, CL = 20pF)
Parameters
Symbol
Min
Max
Units
DC Power Supplies:
Headphone
Interface
Digital
VA_HPx
VL
VD
2.4
2.4
2.4
5.5
5.5
5.5
V
V
V
Input Current, Any Pin Except Supplies
Iin
±10
mA
Digital Input Voltage
VIND
-0.3
VL + 0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameters
Symbol
Min
Typ
Max
Units
Ambient Temperature
TA
-10
-
70
°C
DC Power Supplies:
Headphone
Interface
Digital
VA_HPx
VL
VD
2.4
2.4
2.4
-
-
-
5.0
5.0
5.0
V
V
V
Parameters
Symbol
Min
Typ
Max
Units
Input Sample Rate
Single Speed Mode
Double Speed Mode
Fs
Fs
8
50
-
-
50
100
kHz
kHz
MCLK Duty Cycle
40
50
60
%
LRCK Duty Cycle
40
50
60
%
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Period
Single Speed Mode
tsclkw
--
ns
Double Speed Mode
tsclkw
--
ns
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
-
ns
SDIN valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDIN hold time
tsdh
20
-
-
ns
1
128
()Fs
----------------------
1
64
()Fs
-------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com