| Electronic Components Datasheet Search |
|
CS44210 Datasheet(PDF) 31 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS44210 Datasheet(HTML) 31 Page - Cirrus Logic |
|
31 / 38 page ![]() CS44210 DS539PP1 31 7. CONTROL PORT INTERFACE The control port is used to load all the internal set- tings. The operation of the control port may be completely asynchronous with the audio sample rate. However, to avoid potential interference prob- lems, the control port pins should remain static if no operation is required. The CS44210 has MAP auto increment capability, enabled by the INCR bit in the MAP register, which is the MSB. If INCR is 0, then the MAP will stay constant for successive writes. If INCR is set to 1, then MAP will auto increment after each byte is written, allowing block reads or writes of succes- sive registers. 7.1 Format Selection The control port has 2 formats: SPI and Two-Wire, with the CS44210 operating as a slave device. If Two-Wire operation is desired, AD0/CS should be tied to VL or GND. If the CS44210 ever detects a high to low transition on AD0/CS after power-up and after the control port is activated, SPI format will be selected. 7.2 Two-Wire Format In Two-Wire Format, SDA is a bidirectional data line. Data is clocked into and out of the part by the clock, SCL, with a clock to data relationship as shown in Figure 8. The receiving device should send an acknowledge (ACK) after each byte re- ceived. There is no CS pin. Pins AD0 and AD1 forms the partial chip address and should be tied to VL or GND as required. The upper 6 bits of the 7- bit address field must be 001000. Note: MCLK is required during all two-wire transactions. The Two-Wire format is compatible with the I2C protocol. 7.2.1 Writing in Two-Wire Format To communicate with the CS44210, initiate a START condition of the bus. Next, send the chip address. The eighth bit of the address byte is the R/W bit (low for a write). The next byte is the Memory Address Pointer, MAP, which selects the register to be read or written. The MAP is then fol- lowed by the data to be written. To write multiple registers, continue providing a clock and data, waiting for the CS44210 to acknowledge between each byte. To end the transaction, send a STOP condition. 7.2.2 Reading in Two-Wire Format To communicate with the CS44210, initiate a START condition of the bus. Next, send the chip address. The eighth bit of the address byte is the R/W bit (high for a read). The contents of the reg- ister pointed to by the MAP will be output after the chip address. To read multiple registers, continue providing a clock and issue an ACK after each byte. To end the transaction, send a STOP condi- tion. 7.3 SPI Format In SPI format, CS is the CS44210 chip select sig- nal, CCLK is the control port bit clock, CDIN is the input data line from the microcontroller, CDOUT is the output data line, and the chip address is 0010000. CS, CCLK and CDIN are all inputs and data is clocked in on the rising edge of CCLK. CD- OUT is an output and is three-stated when not ac- tively outputting data. 7.3.1 Writing in SPI Figure 9 shows the operation of the control port in SPI format. To write to a register, bring CS low. The first 7 bits on CDIN form the chip address and must be 0010000. The eighth bit is a read/write in- dicator (R/W), which must be low to write. The next 8 bits form the Memory Address Pointer (MAP), which is set to the address of the register that is to be updated. The next 8 bits are the data which will be placed into register designated by the MAP. To write multiple registers, keep CS low and continue providing clocks on CCLK. End the read transaction by setting CS high. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |