Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44210 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 4Page - Cirrus Logic CS44210 Datasheet HTML 5Page - Cirrus Logic CS44210 Datasheet HTML 6Page - Cirrus Logic CS44210 Datasheet HTML 7Page - Cirrus Logic CS44210 Datasheet HTML 8Page - Cirrus Logic CS44210 Datasheet HTML 9Page - Cirrus Logic CS44210 Datasheet HTML 10Page - Cirrus Logic CS44210 Datasheet HTML 11Page - Cirrus Logic CS44210 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
CS44210
8
DS539PP1
DIGITAL CHARACTERISTICS (T
A = 25° C; VL = 2.4V - 3.6V; GND=0V)
SWITCHING CHARACTERISTICS- CONTROL PORT- TWO-WIRE FORMAT
(Note 8) (TA =25° C; VL = 2.4 V - 5.0 V; Inputs: Logic 0 = GND, Logic 1 = VL, CL =30 pF)
Note:
7. VOH and VOL are tested at an output current of TBD mA.
8. The Two-Wire Format is compatible with the I2C protocol.
9. Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
10. The acknowledge delay is based on MCLK and can limit the maximum transaction speed.
11.
for Single-Speed Mode and
for Double-Speed Mode.
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
0.7 x VL
-
-
V
Low-Level Input Voltage
VIL
--
0.3 x VL
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-8
-
pF
High-Level Output Voltage (Pin 15)
(Note 7)
VOH
0.7 x VL
-
-
V
Low-Level Output Voltage (Pin 15)
(Note 7)
VOL
--
0.3 x VL
V
High-Level Output Voltage (Pins 11, 13, 14)
(Note 7)
VOH
0.7 x VD
-
-
V
Low-Level Output Voltage (Pins 11, 13, 14)
(Note 7)
VOL
-
-
0.3 x VD
V
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
100
kHz
RST Rising Edge to Start
tirs
500
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling
(Note 9)
thdd
0-
µs
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
trc, trc
-1
µs
Fall Time SCL and SDA
tfc, tfc
-
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
(Note 10)
tack
-
(Note 11)
ns
5
256
Fs
×
---------------------
5
128
F s
×
---------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com